Electronic Components Datasheet Search
  English  ▼

X  

AME40 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME40
Description  Shunt Bandgap Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME40 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME40 Datasheet HTML 1Page - Analog Microelectronics AME40 Datasheet HTML 2Page - Analog Microelectronics AME40 Datasheet HTML 3Page - Analog Microelectronics AME40 Datasheet HTML 4Page - Analog Microelectronics AME40 Datasheet HTML 5Page - Analog Microelectronics AME40 Datasheet HTML 6Page - Analog Microelectronics AME40 Datasheet HTML 7Page - Analog Microelectronics AME40 Datasheet HTML 8Page - Analog Microelectronics AME40 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AME
5
AME40
Shunt Bandgap Voltage Reference
Rev.G.03
n Absolute Maximum Ratings
n Recommended Operating Conditions
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
Parameter
Maximum
Unit
Supply Current
20
mA
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
Storage Temperature Range
TSTG
- 65 to +150
oC
Supply Current
60
µA ~ 12mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com