Electronic Components Datasheet Search
  English  ▼

X  

SN74F112D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F112D
Description  DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F112D Datasheet(HTML) 1 Page - Texas Instruments

  SN74F112D Datasheet HTML 1Page - Texas Instruments SN74F112D Datasheet HTML 2Page - Texas Instruments SN74F112D Datasheet HTML 3Page - Texas Instruments SN74F112D Datasheet HTML 4Page - Texas Instruments SN74F112D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74F112
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
WITH CLEAR AND PRESET
SDFS048A – D2932, MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The SN74F112 contains two independent J-K
negative-edge-triggered flip-flops. A low level at
the preset (PRE) or clear (CLR) inputs sets or
resets the outputs regardless of the levels of the
other inputs. When PRE and CLR are inactive
(high), data at the J and K inputs meeting the setup
time requirements is transferred to the outputs on
the negative-going edge of the clock pulse. Clock
triggering occurs at a voltage level and is not
directly related to the rise time of the clock pulse.
Following the hold-time interval, data at the J and
K inputs may be changed without affecting the
levels at the outputs. The SN74F112 can perform
as a toggle flip-flop by tying J and K high.
The SN74F112 is characterized for operation from
0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
PRE
CLR
CLK
J
K
Q
Q
L
H
X
X
X
H
L
H
LX
X
X
L
H
L
LX
X
X
H†
H†
H
H
↓
LL
Q0
Q0
H
H
↓
HL
H
L
H
H
↓
LHL
H
H
H
↓
H
H
Toggle
H
H
H
X
X
Q0
Q0
† The output levels in this configuration are not guaranteed to
meet the minimum levels for VOH. Furthermore, this
configuration is nonstable; that is, it will not persist when
either PRE or CLR returns to its inactive (high) level.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLK
1K
1J
1PRE
1Q
1Q
2Q
GND
VCC
1CLR
2CLR
2CLK
2K
2J
2PRE
2Q
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F112D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F112D TI1-SN74F112D Datasheet
627Kb / 13P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
SN74F112D TI2-SN74F112D Datasheet
566Kb / 16P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
REVISED OCTOBER 1993
SN74F112DE4 TI1-SN74F112DE4 Datasheet
627Kb / 13P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
SN74F112DG4 TI1-SN74F112DG4 Datasheet
627Kb / 13P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
SN74F112DR TI1-SN74F112DR Datasheet
627Kb / 13P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
More results

Similar Description - SN74F112D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN74LVC112A TI-SN74LVC112A Datasheet
292Kb / 13P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO74G112A POTATO-PO74G112A Datasheet
584Kb / 6P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PO74G112A POTATO-PO74G112A_14 Datasheet
1Mb / 6P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI1-SN74LVC112A_15 Datasheet
990Kb / 24P
SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com