Electronic Components Datasheet Search
  English  ▼

X  

SN74F112D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F112D
Description  DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F112D Datasheet(HTML) 3 Page - Texas Instruments

  SN74F112D Datasheet HTML 1Page - Texas Instruments SN74F112D Datasheet HTML 2Page - Texas Instruments SN74F112D Datasheet HTML 3Page - Texas Instruments SN74F112D Datasheet HTML 4Page - Texas Instruments SN74F112D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74F112
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
WITH CLEAR AND PRESET
SDFS048A – D2932, MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = – 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
J or K
– 0.6
IIL
PRE or CLR
VCC = 5.5 V,
VI = 0.5 V
–3
mA
CLK
– 2.4
IOS‡
VCC = 5.5 V,
VO = 0
–60
–150
mA
ICC
VCC = 5.5 V,
See Note 2
12
19
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2: ICC is measured with all outputs open, the Q and Q outputs alternately high and the clock input grounded at the time of measurement.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
fclock
Clock frequency
0
110
0
100
MHz
t
Pulse duration
CLK high or low
4.5
5
ns
tw
Pulse duration
CLR or PRE low
4.5
5
ns
t
Setup time data before CLK
↓
High
4
5
ns
tsu
Setup time, data before CLK
↓
Low
3
3.5
ns
th
Hold time data after CLK
↓
High
0
0
ns
th
Hold time, data after CLK
↓
Low
0
0
ns
tsu
Setup time, inactive state, data before CLK
↓§
CLR or PRE high
4
5
ns
§ Inactive-state state setup time is also referred to as recovery time.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com