Electronic Components Datasheet Search
  English  ▼

X  

45911 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 45911
Description  EXTreme PowerEdge??Card Edge Hybrid Power Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45911 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  45911 Datasheet HTML 1Page - Molex Electronics Ltd. 45911 Datasheet HTML 2Page - Molex Electronics Ltd. 45911 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES AND SPECIFICATIONS
EXTreme PowerEdge™
Card Edge Hybrid
Power Connector
45911, 45912 Power and
Signal
45719, 45714 Power Only
45845, 45844 Signal Only
SPECIFICATIONS
ORDERING INFORMATION
Features and Benefits
n
Low-profile design allows high current transfer in
narrow spaces
n
Mates to a 1.57mm (0.62”) PCB card edge
or bus bar
n
Rated for current interruption hot-plugging
requirements
n
Rugged power and signal contacts reduce the
potential for stubbing or damage
Reference Information
Packaging: Tray
UL File No.: E29179
CSA File No.: LR19980
TUV: R 72042763
Designed In: Millimeters
Electrical
Voltage: 250V max in standard contact loading
(Higher voltages may be accommodated through
special contact loading – contact Molex)
Current (at 30°C Temperature rise):
Power – 40.0A max.
Signal – 3.0A max.
Contact Resistance (per contact):
Initial
End of Life
Power (milliohms) –
0.5
0.6 max change
Signal (milliohms) –
6.24
15 max change
Dielectric Withstanding Voltage: 1500V
Insulation Resistance: 5000 Megohms min.
Current interruption:
Power – 40.0A and 50V DC
n
2 isolated power contacts or 8 signal contacts per
housing segment
n
Available in 2, 3, and 4 segment versions
n
Press-fit or solder tail PCB mounting
n
End-to-end stackable to accommodate additional
circuit counts on card edge
Mechanical
Mating Force (max per contact):
Power Contacts – 8.87N (2.0 lb)
Signal Contacts – 1.4N (0.31 lb)
Un-mating Force (max per circuit):
Power Contacts – 4.4N (1.0 lb)
Signal Contacts – 0.14N (0.031 lb)
Durability: 50 cycles
Physical
Housing: LCP
Contact:
Power Contacts - Copper Alloy
Signal Contacts – Copper Alloy
Plating:
Contact Area — Select Gold
Solder Tail Area — Tin
Underplating — Nickel
Flammability Rating: UL 94V-0
Documents
Sales Drawings: SD-45714-XXXX, SD-45719-XXXX,
SD-45844-XXXX, SD-45845-XXXX, SD-45911-XXXX,
SD-45912-XXXX
Product Specs: PS-45719-001
Connector Series Description
Press-Fit Series*
Solder Tail Series*
Number of Segments
Number of Contacts per Segment
Solder Tail Pin Lengths
Power only
45714
45719
2 to 4
2
3.19 and 4.33mm
Signal only
45845
45844
2 to 4
8
3.19 and 4.33mm
Power and Signal
45912
45911
2 to 4
2 Power or 8 Signal
3.19 and 4.33mm
*Complete part numbers can be found at www.molex.com/link/ext-power.html
The
EXTreme PowerEdge™ Connector incorporates proven Molex design elements of high-performance
terminal contacts with redundant interface points for optimum mating of double-sided card edge gold fingers.
EXTreme PowerEdge™ offers 40.0A rating per contact, and 157.0 A per inch of PC board real estate. It is an
excellent low profile power card edge interface for applications where rugged single piece mating to a cardedge or
bus bar is needed and where space is at a premium. EXTreme PowerEdge™ is available in power only, signal only,
and power/signal combinations for design flexibility.


Similar Part No. - 45911

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45911-0001 MOLEX6-45911-0001 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 2 Segments
45911-0003 MOLEX6-45911-0003 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided
45911-0004 MOLEX6-45911-0004 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided
45911-0007 MOLEX6-45911-0007 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3
45911-0009 MOLEX6-45911-0009 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3
More results

Similar Description - 45911

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459120029 MOLEX6-0459120029 Datasheet
297Kb / 5P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector
0459110026 MOLEX6-0459110026 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110048 MOLEX6-0459110048 Datasheet
325Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided
0459110025 MOLEX6-0459110025 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110030 MOLEX6-0459110030 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110015 MOLEX6-0459110015 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110039 MOLEX6-0459110039 Datasheet
342Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110049 MOLEX6-0459110049 Datasheet
325Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459120001 MOLEX1-0459120001_17 Datasheet
49Kb / 2P
12.90mm Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, 12.90mm Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector,
0459120029 MOLEX1-0459120029_17 Datasheet
49Kb / 2P
12.90mm Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, 12.90mm Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com