Electronic Components Datasheet Search
  English  ▼

X  

45911 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 45911
Description  EXTreme PowerEdge??Card Edge Hybrid Power Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45911 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  45911 Datasheet HTML 1Page - Molex Electronics Ltd. 45911 Datasheet HTML 2Page - Molex Electronics Ltd. 45911 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES AND SPECIFICATIONS
EXTreme PowerEdge™
Card Edge Hybrid
Power Connector
Current (Amps)
70
60
50
40
30
20
10
0
EXTreme PowerEdge™, Dual Sided
T-Rise Current Chart
0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.
45.0
50.0
55.0
60.0
65.0
70.0
8 Circuits (4 Segments)
4 Circuits (2 Segments)
1 Circuit (1 Segment)
10
8
6
4
2
0
-2
-4
-6
EXTreme PowerEdge™ Connector System, Durability
Cumulative Percentage (%)
0
10
20
30
40
50
60
70
80
90
100
50 Cycles
25 Cycles



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com