Electronic Components Datasheet Search
  English  ▼

X  

42817 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 42817
Description  10.00mm (.393") Pitch Mini-Fit, Sr.?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

42817 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  42817 Datasheet HTML 1Page - Molex Electronics Ltd. 42817 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10.00mm (.393") Pitch
Mini-Fit, Sr.™
s
Wire-to-Wire (Free hanging and panel mount)
s
Wire-to-Board
s
Mandatory Terminal Position Assurance (TPA) Piece
s
Voltage: 600V
s
Current: 50.0A Max.*
s
Temperature: -40 to +105°C
42817
Male
Terminal
Mates with
42815 Terminal
Used in 42818 and
43938 Housings
Tin or Select Gold Plated
Copper Alloy
8 to 16
AWG
s
Mating Cycles - Tin: 30 / Gold: 100
s
Four points of electrical contact provide high reliability
s
Low insertion force design for greater ease in mating
42815
Female
Terminal
Mates with 42817
Terminal and PCB
Header Terminal
Used in 42816 and
43914 Housings
42816
Receptacle
Housing
42818,
42819, 42820
Black
Polyester,
UL 94V-0
2, 3, 4,
5, and 6
Circuits
s
TPA (Terminal Position Assurance) piece attached to housing to prevent terminal
backouts
s
Positive latch guards against accidental disengagement of housings
s
Polarized housing assures proper mating
s
Used in wire-to-wire and wire-to-board applications
42818
Plug
Housing
42816
s
TPA (Terminal Position Assurance) clip attached to housing must be used at all
times to prevent terminal backouts
s
Used in wire-to-wire applications (Panel Mount or Free Hanging) only
42819
Vertical
Header
42816
Housings: Black
Glass-filled 4/6 Nylon,
UL 94V-0
Terminals:
Tin or Select Gold Plated
Copper Alloy
2, 3, 4,
5 and 6
Circuits
s
SMC (Surface Mount Compatible)
s
Metal fork locks for secure retention to PC Board
s
Accommodates 1.57, 2.36, 3.18 and 6.35mm (.062, .093, .125 and .250") thick
PC Boards
42820
Right
Angle
Header
42816
43914
Receptacle
Housing
43938, 43915
Black Polyester,
UL 94V-0
6, 8,
10, 12
and 14
Circuits
s
Mandatory TPA (Terminal Position Assurance) piece (43980 Series) sold separately
s
Positive latch guards against accidental disengagement of housings
s
Polarized housing assures proper mating
s
Used in wire-to-wire or wire-to-board applications
43938
Plug
Housing
43914
s
Mandatory TPA (Terminal Position Assurance) piece (43980 Series) sold
separately
s
Used in wire-to-wire applications (Panel Mount or Free Hanging)
43980
TPA
Must Use With
43914, 43938
White Polyester,
UL 94V-0
6, 8,
10, 12
and 14
Circuits
s
Virtually eliminates terminal back out.
s
White color for easy activation identification
43915
Vertical
Header
43914
Housing: Black Glass-filled
4/6 Nylon,
UL 94V-0
Terminals: Tin or Select
Gold Plated Copper Alloy
6, 8,
10, 12
and 14
Circuits
s
SMC (Surface Mount Compatible)
s
Metal fork locks for secure retention to PC Board
s
Accommodates 1.57, 2.36, 3.18 and 6.35mm (.062, .093, .125 and .250")
Thick PC Boards
Series Description
Mates With/
Use With
Material
Circuits/
Wire
Gauge
Features and Benefits
Terminals
Single Row PC Board Headers
Dual Row Housings
Dual Row TPA (Terminal Position Assurance Piece)
Dual Row Vertical PC Board Header
Single Row Housings
*Maximum current is dependent on wire gauge and circuit size. See Mini-Fit, Sr. product specification PS-42815-001.


Similar Part No. - 42817

ManufacturerPart #DatasheetDescription
logo
MolexKits
42817-0011 MOLEXKITS-42817-0011 Datasheet
38Kb / 2P
Fully Polarized Single Row Plug and Receptacle
42817-0011 MOLEXKITS-42817-0011 Datasheet
22Kb / 3P
Plugs, Receptacles
42817-0012 MOLEXKITS-42817-0012 Datasheet
38Kb / 2P
Gold Right Angle Header,Plug and Receptacle
logo
Molex Electronics Ltd.
428170011 MOLEX-428170011 Datasheet
71Kb / 3P
Hand Crimp Tool for 10.00mm Pitch Mini-Fit Sr. Crimp Terminals, 12-10 AWG
Jun 18, 2025
428170011 MOLEX-428170011 Datasheet
70Kb / 3P
Hand Crimp Tool for Mini-Fit Sr. Male and Female Terminals, 5.00mm² and 6.00mm² Wire
Jun 18, 2025
More results

Similar Description - 42817

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0439382204 MOLEX6-0439382204 Datasheet
185Kb / 3P
10.00mm (.393") Pitch Mini-Fit Sr.??Plug Housing, Dual Row, Panel Mount, 12 Circuits
0439382203 MOLEX6-0439382203 Datasheet
185Kb / 3P
10.00mm (.393") Pitch Mini-Fit Sr.??Plug Housing, Dual Row, Panel Mount, 10 Circuits
0439382202 MOLEX6-0439382202 Datasheet
185Kb / 3P
10.00mm (.393") Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 8 Circuits
0439382201 MOLEX6-0439382201 Datasheet
185Kb / 3P
10.00mm (.393") Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 6 Circuits
0439382205 MOLEX6-0439382205 Datasheet
185Kb / 3P
10.00mm (.393") Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 14 Circuits
42816-0312 MOLEX11-42816-0312 Datasheet
41Kb / 2P
10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 3 Circuits
42816-0412 MOLEX11-42816-0412 Datasheet
41Kb / 2P
10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 4 Circuits
42816-0512 MOLEX11-42816-0512 Datasheet
40Kb / 1P
10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 5 Circuits
43914-1101 MOLEX11-43914-1101 Datasheet
37Kb / 1P
10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Dual Row, 6 Circuits
43914-1102 MOLEX11-43914-1102 Datasheet
37Kb / 1P
10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Dual Row, 8 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com