Electronic Components Datasheet Search
  English  ▼

X  

42817 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42817
Description  10.00mm (.393") Pitch Mini-Fit, Sr.?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

42817 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42817 Datasheet HTML 1Page - Molex Electronics Ltd. 42817 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10.00mm (.393") Pitch
Mini-Fit, Sr.™
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1-800-78MOLEX
Fax: 630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
Fax: 81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel: 65-268-6868
Fax: 65-265-6044
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
Fax: 49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel: 630-969-4550
Fax: 630-969-1352
Visit our Web site at http: //www.molex.com
Order No. USA-112 Rev. 1
Printed in USA/5K/JI/JI/2002.12
©2002, Molex
APPLICATION EXAMPLES
s
Servers
s
Telecommunications
s
Generators
s
HVAC
s
Workstations
s
Welders
s
Networking Equipment
s
Power Supplies
s
UPS Systems
s
High Current Applications
s
Factory Automation Equipment
s
Power Transmission
42820
Right Angle Header
42819
Vertical Header
43915
Dual Row Vertical
Header
42817
Male Terminal
42818
Panel Mount Plug
42816
Receptacle
43914
Dual Row
Receptacle
42815
Female Terminal
43980
Dual Row TPA Piece
43938
Panel Mount Dual
Row Plug



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com