Electronic Components Datasheet Search
  English  ▼

X  

SSC0403 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSC0403
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0403 Datasheet(HTML) 2 Page - Superworld Electronics

  SSC0403 Datasheet HTML 1Page - Superworld Electronics SSC0403 Datasheet HTML 2Page - Superworld Electronics SSC0403 Datasheet HTML 3Page - Superworld Electronics SSC0403 Datasheet HTML 4Page - Superworld Electronics SSC0403 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSC0403 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.08.2008
100.9
5.6 ±30%
0.5V / 100K
1.17
SSC04035R6YZF
±30%
SSC0403181YZF
180.0
SSC0403121YZF
SSC0403151YZF
SSC0403101YZF
±30%
150.0
±30%
±30%
120.0
100.0
0.22
0.5V / 100K
1540.0
0.5V / 100K
0.5V / 100K
0.5V / 100K
1350.0
0.24
1270.0
1020.0
0.27
0.29
0.70
0.5V / 100K
SSC0403220YZF
235.0
±30%
SSC0403470YZF
47.0
SSC0403680YZF
SSC0403820YZF
SSC0403560YZF
±30%
68.0
±30%
82.0
±30%
56.0
SSC0403330YZF
SSC0403390YZF
SSC0403270YZF
±30%
33.0
±30%
39.0
±30%
27.0
0.48
0.5V / 100K
587.0
0.5V / 100K
0.5V / 100K
0.5V / 100K
0.35
699.0
914.8
0.32
624.5
0.41
0.5V / 100K
0.5V / 100K
0.5V / 100K
0.56
331.3
383.7
0.50
261.0
0.58
±30%
SSC0403120YZF
12.0
SSC0403180YZF
SSC0403150YZF
±30%
±30%
18.0
22.0
±30%
15.0
SSC04038R2YZF
SSC04036R8YZF
SSC0403100YZF
±30%
8.2
±30%
10.0
±30%
6.8
0.84
0.5V / 100K
131.6
0.5V / 100K
0.5V / 100K
166.0
0.72
149.0
0.76
0.5V / 100K
0.5V / 100K
0.5V / 100K
1.04
117.5
128.3
1.00
108.9
1.12
Max.
2.56
23.6
1.2
0.5V / 100K
±30%
SSC04031R2YZF
SSC04034R7YZF
SSC04033R3YZF
SSC04033R9YZF
±30%
3.9
±30%
4.7
±30%
3.3
SSC04032R2YZF
SSC04032R7YZF
SSC04031R8YZF
±30%
±30%
2.2
2.7
±30%
1.8
0.5V / 100K
0.5V / 100K
0.5V / 100K
64.8
1.44
72.0
1.32
49.2
1.57
0.5V / 100K
0.5V / 100K
0.5V / 100K
31.3
43.3
2.04
1.60
27.5
2.20
Part No.
Inductance
( µH )
( m )
Frequency
( Hz )
Test
( A )
Max.
RDC
IDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com