Electronic Components Datasheet Search
  English  ▼

X  

SSC0403 Datasheet(PDF) 3 Page - Superworld Electronics

Part # SSC0403
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0403 Datasheet(HTML) 3 Page - Superworld Electronics

  SSC0403 Datasheet HTML 1Page - Superworld Electronics SSC0403 Datasheet HTML 2Page - Superworld Electronics SSC0403 Datasheet HTML 3Page - Superworld Electronics SSC0403 Datasheet HTML 4Page - Superworld Electronics SSC0403 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
05.08.2008
SMD POWER INDUCTORS
SSC0403 SERIES
7. CHARACTERISTICS CURVES :
100
5
3
2
10
5
3
101
3 5
10-1
5
3
-2
10
FREQUENCY(MHZ)
-1
10
3
0
5
10
1R2Y
DC CURRENT (A)
101
5
3
100
5
3
-1
10
3
10
5
3
10
10
-1
3
0
5
1R2Y
2
10
5
3
1
10
5
3
100
3 5
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
1
10
(uH)
5
3
6Y8Y
5
L
3
330Y
3
2
10
181Y
101Y
3
10
5
10
0
0
1
20
10
(uH)
L
1
5
3
6Y8Y
5
3
330Y
10
10
3
2
181Y
101Y
3
5
DC CURRENT (A)
24
35
6
330Y
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
40
30
50
(°C)
t
70
60
80
181Y 101Y
90
6R8Y
1R2Y
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com