Electronic Components Datasheet Search
  English  ▼

X  

AP3031 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3031
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3031 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3031 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
1
Apr. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
WHITE LED STEP-UP CONVERTER
AP3031
General Description
The AP3031 is an inductor-based DC/DC boost con-
verter designed to drive LED arrays. 1.4A switching
current allows AP3031 to be used in different 7' to 10'
LCD panel backlights (3*13 LED arrays typically).
A constant frequency 1MHz PWM control scheme is
employed in this IC, which means tiny external com-
ponents can be used. Specifically, 1mm tall 4.7µH
inductor and 0.47µF output capacitor for the typical
application is sufficient.
The over output voltage protection is equipped in
AP3031, which protects the IC under open load condi-
tion. The AP3031 includes UVLO, soft-start, current
limit and OTSD to protect the circuit.
The AP3031 is available in standard SOT-23-6, TSOT-
23-6 and SOIC-8 packages.
Features
·
Up to 92% Efficiency
(VIN=9V, IOUT=260mA)
·
Up to 84% Efficiency
(VIN=5V, IOUT=260mA)
·
Fast 1MHz Switching Frequency
·
Wide Input Voltage Range: 2.7V to 16V
·
Low 200mV Feedback Voltage
·
Output Over Voltage Protection
·
Cycle by Cycle Current Limit: 1.4A
·
Built-in Soft-start
·
Built-in Standby Mode to Achieve High Fre-
quency PWM Dimming
·
Built-in Thermal Shutdown Function
·
Under Voltage Lockout
Applications
·
7' to 10' LCD Panels
·
Digital Photo Frame
·
GPS Receiver
·
EPC
·
PDVD
Figure 1. Package Types of AP3031
SOT-23-6
TSOT-23-6
SOIC-8


Similar Part No. - AP3031

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3031 DIODES-AP3031 Datasheet
710Kb / 13P
WHITE LED STEP-UP CONVERTER
December 2022 Rev. 2 - 2
logo
BCD Semiconductor Manuf...
AP3031A BCDSEMI-AP3031A Datasheet
261Kb / 11P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3031KTR-G1 DIODES-AP3031KTR-G1 Datasheet
710Kb / 13P
WHITE LED STEP-UP CONVERTER
December 2022 Rev. 2 - 2
More results

Similar Description - AP3031

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com