Electronic Components Datasheet Search
  English  ▼

X  

AP3031 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3031
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3031 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3031 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
3
Apr. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
WHITE LED STEP-UP CONVERTER
AP3031
Q1
Σ
A2
A1
1MHz
OSCILLATOR
RAMP
GENERATOR
VREF
DRIVER
1.25 V
COMPARATOR
200 mV
SOFT
START
V
IN
CTRL
FB
GND
SW
STANDBY
OV
To Control
Logic
CONTROL
LOGIC
OVER
TEMPERATURE
DETECTOR
OV
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3031
Circuit Type
Package
K: SOT-23-6
AP3031
-
Blank: Tube
Ordering Information
Package
Temperature
Range
Part Number
Marking ID
Packing Type
SOT-23-6
-40 to 85oC
AP3031KTR-G1
GEC
Tape & Reel
TSOT-23-6
AP3031KTTR-G1
L1E
Tape & Reel
SOIC-8
AP3031M-G1
3031M-G1
Tube
AP3031MTR-G1
3031M-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant and green.
G1: Green
1 (4)
2
3 (1)
4 (8)
5 (7)
6 (5)
A (B)
A SOT-23-6/TSOT-23-6
B SOIC-8
(2, 3, 6)
KT: TSOT-23-6
M: SOIC-8
TR: Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com