Electronic Components Datasheet Search
  English  ▼

X  

SN75154 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75154
Description  QUADRUPLE LINE RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75154 Datasheet(HTML) 6 Page - Texas Instruments

  SN75154 Datasheet HTML 1Page - Texas Instruments SN75154 Datasheet HTML 2Page - Texas Instruments SN75154 Datasheet HTML 3Page - Texas Instruments SN75154 Datasheet HTML 4Page - Texas Instruments SN75154 Datasheet HTML 5Page - Texas Instruments SN75154 Datasheet HTML 6Page - Texas Instruments SN75154 Datasheet HTML 7Page - Texas Instruments SN75154 Datasheet HTML 8Page - Texas Instruments SN75154 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN75154
QUADRUPLE LINE RECEIVER
SLLS083B – NOVEMBER 1970 – REVISED MAY 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
dc test circuits†
TEST TABLE
TEST
MEASURE
A
T
Y
VCC1
VCC2
Open circuit input (fail safe)
VOH
Open
Open
IOH
4.5 V
Open
Open-circuit input (fail safe)
VOH
Open
Open
IOH
Open
10.8 V
VIT min VIT min (fail safe)
VOH
0.8 V
Open
IOH
5.5 V
Open
VIT + min, VIT – min (fail safe)
VOH
0.8 V
Open
IOH
Open
13.2 V
VIT min (normal)
VOH
Note A
VCC1
IOH
5.5 V and T
Open
VIT + min (normal)
VOH
Note A
VCC1
IOH
T
13.2 V
VIL max VIT min (normal)
VOH
–3 V
VCC1
IOH
5.5 V and T
Open
VIL max, VIT + min (normal)
VOH
–3 V
VCC1
IOH
T
13.2 V
VIH min VIT max VIT max (fail safe)
VOL
3 V
Open
IOL
4.5 V
Open
VIH min, VIT+ max, VIT – max (fail safe)
VOL
3 V
Open
IOL
Open
10.8 V
VIH min VIT max (normal)
VOL
3 V
VCC1
IOL
4.5 V and T
Open
VIH min, VIT + max (normal)
VOL
3 V
VCC1
IOL
T
10.8 V
VIT max (normal)
VOL
Note B
VCC1
IOL
5.5 V and T
Open
VIT – max (normal)
VOL
Note B
VCC1
IOL
T
13.2 V
NOTES: A. Momentarily apply – 5 V, then 0.8 V.
B. Momentarily apply 5 V, then GND.
VOL
VOH
GND
Open
VI,VIT
5.5 V
Open
4.5 V
T
A
13.2 V
Open
10.8 V
IOL
Y
R1
VCC2
VCC1
IOH
Figure 2. VIH, VIL, VIT+, VIT –, VOH, VOL
† Arrows indicate actual direction of current flow. Current into a terminal is a positive value.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com