Electronic Components Datasheet Search
  English  ▼

X  

SN75154 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75154
Description  QUADRUPLE LINE RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75154 Datasheet(HTML) 3 Page - Texas Instruments

  SN75154 Datasheet HTML 1Page - Texas Instruments SN75154 Datasheet HTML 2Page - Texas Instruments SN75154 Datasheet HTML 3Page - Texas Instruments SN75154 Datasheet HTML 4Page - Texas Instruments SN75154 Datasheet HTML 5Page - Texas Instruments SN75154 Datasheet HTML 6Page - Texas Instruments SN75154 Datasheet HTML 7Page - Texas Instruments SN75154 Datasheet HTML 8Page - Texas Instruments SN75154 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN75154
QUADRUPLE LINE RECEIVER
SLLS083B – NOVEMBER 1970 – REVISED MAY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Normal supply voltage, VCC1 (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Alternate supply voltage, VCC2
14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to network GND terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
N
1150 mW
9.2 mW/
°C
736 mW
NS
625 mW
5.0 mW/
°C
400 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Normal supply voltage, VCC1
4.5
5
5.5
V
Alternate supply voltage, VCC2
10.8
12
13.2
V
High-level input voltage, VIH (see Note 2)
3
15
V
Low-level input voltage, VIL (see Note 2)
–15
–3
V
High-level output current, IOH
– 400
µA
Low-level output current, IOL
16
mA
Operating free-air temperature, TA
0
70
°C
NOTE 2: The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for logic
and threshold levels only, e.g., when 0 V is the maximum, the minimum limit is a more negative voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com