Electronic Components Datasheet Search
  English  ▼

X  

SN75159 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75159
Description  DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75159 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75159 Datasheet HTML 2Page - Texas Instruments SN75159 Datasheet HTML 3Page - Texas Instruments SN75159 Datasheet HTML 4Page - Texas Instruments SN75159 Datasheet HTML 5Page - Texas Instruments SN75159 Datasheet HTML 6Page - Texas Instruments SN75159 Datasheet HTML 7Page - Texas Instruments SN75159 Datasheet HTML 8Page - Texas Instruments SN75159 Datasheet HTML 9Page - Texas Instruments SN75159 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN75159
DUAL DIFFERENTIAL LINE DRIVER
WITH 3-STATE OUTPUTS
SLLS088B – JANUARY 1977 – REVISED MAY 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
100%
10%
VOLTAGE WAVEFORMS
tPHL
tPLH
90%
90%
10%
10%
1.5 V
1.5 V
90%
tTHL
tTLH
10%
1.5 V
tTLH
tTHL
10%
1.5 V
90%
Z Output
Y Output
VOL
VOH
VOL
VOH
0 V
tPHL
tPLH
1.5 V
90%
5 ns
Input
10%
1.5 V
90%
3 V
5 ns
25 ns
Overshoot
0%
TEST CIRCUITS
Z
Y
TERMINATION C
TERMINATION B
RL = 100 Ω
CL = 15 pF
(see Note B)
Z
Y
RL = 100 Ω
TERMINATION A
Z
Y
5 V
1 k
Ω
Z Output
Y Output
50
Ω
Input
(see Note A)
Generator
Pulse
CL= 30 pF
(see Note B)
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, PRR ≤ 10 MHz.
B. CL includes probe and jig capacitance.
CL= 15 pF
(see Note B)
Overshoot
Figure 2. Test Circuits, Voltage Waveforms, and Overshoot Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com