Electronic Components Datasheet Search
  English  ▼

X  

SN75159 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75159
Description  DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75159 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75159 Datasheet HTML 4Page - Texas Instruments SN75159 Datasheet HTML 5Page - Texas Instruments SN75159 Datasheet HTML 6Page - Texas Instruments SN75159 Datasheet HTML 7Page - Texas Instruments SN75159 Datasheet HTML 8Page - Texas Instruments SN75159 Datasheet HTML 9Page - Texas Instruments SN75159 Datasheet HTML 10Page - Texas Instruments SN75159 Datasheet HTML 11Page - Texas Instruments SN75159 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SN75159
DUAL DIFFERENTIAL LINE DRIVER
WITH 3-STATE OUTPUTS
SLLS088B – JANUARY 1977 – REVISED MAY 1995
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
VI – Data Input Voltage – V
OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VCC = 5.25 V
VCC = 4.75 V
VCC = 5 V
5
4
3
2
1
3
2
1
0
4
6
0
No Load
TA = 25°C
Figure 6
VI – Data Input Voltage – V
OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
TA = 0°C
TA = 25°C
TA = 70°C
5
4
3
2
1
3
2
1
0
4
6
0
VCC = 5 V
No Load
Figure 7
VOH (IOH = – 20 mA)
TA – Free-Air Temperature – °C
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
3.5
3
2.5
2
1.5
1
0.5
50
25
0
75
4
0
VCC = 5 V
VOH (IOH = – 40 mA)
VOL (IOL = 40 mA)
Figure 8
IOH – Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VCC = 5 V
VCC = 5.25 V
VCC = 4.75 V
4
3
2
1
– 100
–80
–60
–40
–20
0
– 120
5
0
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com