Electronic Components Datasheet Search
  English  ▼

X  

SN75158PS Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75158PS
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75158PS Datasheet(HTML) 7 Page - Texas Instruments

  SN75158PS Datasheet HTML 1Page - Texas Instruments SN75158PS Datasheet HTML 2Page - Texas Instruments SN75158PS Datasheet HTML 3Page - Texas Instruments SN75158PS Datasheet HTML 4Page - Texas Instruments SN75158PS Datasheet HTML 5Page - Texas Instruments SN75158PS Datasheet HTML 6Page - Texas Instruments SN75158PS Datasheet HTML 7Page - Texas Instruments SN75158PS Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SN75158
DUAL DIFFERENTIAL LINE DRIVER
SLLS085B – JANUARY 1977 – REVISED MAY 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.1
f – Frequency – MHz
100
100
0
20
40
60
80
0.4
1
4
10
40
VCC = 5 V
RL = ∞
CL = 30 pF
Inputs: 3-V Square Wave
SUPPLY CURRENT
(BOTH DRIVERS)
vs
FREQUENCY
TA = 25 °C
Figure 11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com