Electronic Components Datasheet Search
  English  ▼

X  

SN75158PS Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75158PS
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75158PS Datasheet(HTML) 1 Page - Texas Instruments

  SN75158PS Datasheet HTML 1Page - Texas Instruments SN75158PS Datasheet HTML 2Page - Texas Instruments SN75158PS Datasheet HTML 3Page - Texas Instruments SN75158PS Datasheet HTML 4Page - Texas Instruments SN75158PS Datasheet HTML 5Page - Texas Instruments SN75158PS Datasheet HTML 6Page - Texas Instruments SN75158PS Datasheet HTML 7Page - Texas Instruments SN75158PS Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN75158
DUAL DIFFERENTIAL LINE DRIVER
SLLS085B – JANUARY 1977 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA/TIA-422-B and ITU
Recommendation V.11
D Single 5-V Supply
D Balanced-Line Operation
D TTL Compatible
D High Output Impedance in Power-Off
Condition
D High-Current Active-Pullup Outputs
D Short-Circuit Protection
D Dual Channels
D Input Clamp Diodes
description
The SN75158 is a dual differential line driver designed to satisfy the requirements set by the ANSI
EIA/TIA-422-B and ITU V.11 interface specifications. The outputs provide complementary signals with
high-current capability for driving balanced lines, such as twisted pair, at normal line impedance without high
power dissipation. The output stages are TTL totem-pole outputs providing a high-impedance state in the
power-off condition.
The SN75158 is characterized for operation from 0
°C to 70°C.
logic symbol‡
5
3
2Z
2Y
1Z
1Y
2A
1A
7
6
1
2
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
5
3
2Z
2Y
1Z
1Y
1A
2A
7
6
1
2
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1Z
1Y
1A
GND
VCC
2Z
2Y
2A
D, P, OR PS† PACKAGE
(TOP VIEW)
† The PS package is only available left-end
taped and reeled, i.e., order SN75158PSLE.


Similar Part No. - SN75158PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75158PSLE TI-SN75158PSLE Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
SN75158PSR TI-SN75158PSR Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
SN75158PSR TI2-SN75158PSR Datasheet
962Kb / 22P
DUAL DIFFERENTIAL LINE DRIVER
REVISED MARCH 2024
SN75158PSR.A TI2-SN75158PSR.A Datasheet
962Kb / 22P
DUAL DIFFERENTIAL LINE DRIVER
REVISED MARCH 2024
SN75158PSRE4 TI-SN75158PSRE4 Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75158PS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
logo
Texas Instruments
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
DUAL DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com