Electronic Components Datasheet Search
  English  ▼

X  

SN75174 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75174
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75174 Datasheet(HTML) 6 Page - Texas Instruments

  SN75174 Datasheet HTML 1Page - Texas Instruments SN75174 Datasheet HTML 2Page - Texas Instruments SN75174 Datasheet HTML 3Page - Texas Instruments SN75174 Datasheet HTML 4Page - Texas Instruments SN75174 Datasheet HTML 5Page - Texas Instruments SN75174 Datasheet HTML 6Page - Texas Instruments SN75174 Datasheet HTML 7Page - Texas Instruments SN75174 Datasheet HTML 8Page - Texas Instruments SN75174 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN75174
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS039B – OCTOBER 1980 – REVISED MAY 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output
Input
1.5 V
2.3 V
1.5 V
tPHZ
tPZH
0.5 V
Voff ≈ 0 V
VOH
0 V
3 V
3 V to 0 V
50
Ω
S1
RL = 110 Ω
Output
Generator
(see Note A)
CL = 50 pF
(see Note B)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr ≤ 5 ns,
tf ≤ 5 ns, ZO = 50 Ω.
B. CL includes probe and stray capacitance.
Figure 3. Test Circuit and Voltage Waveforms
RL = 110 Ω
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output
Input
tPZL
1.5 V
2.3 V
0.5 V
tPLZ
1.5 V
VOL
5 V
0 V
3 V
50
Ω
S1
Output
5 V
0 V to 3 V
Generator
(see Note A)
CL = 50 pF
(see Note B)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr ≤ 5 ns,
tf ≤ 5 ns, ZO = 50 Ω.
B. CL includes probe and stray capacitance.
Figure 4. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com