Electronic Components Datasheet Search
  English  ▼

X  

SN75174 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75174
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75174 Datasheet(HTML) 2 Page - Texas Instruments

  SN75174 Datasheet HTML 1Page - Texas Instruments SN75174 Datasheet HTML 2Page - Texas Instruments SN75174 Datasheet HTML 3Page - Texas Instruments SN75174 Datasheet HTML 4Page - Texas Instruments SN75174 Datasheet HTML 5Page - Texas Instruments SN75174 Datasheet HTML 6Page - Texas Instruments SN75174 Datasheet HTML 7Page - Texas Instruments SN75174 Datasheet HTML 8Page - Texas Instruments SN75174 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN75174
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS039B – OCTOBER 1980 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
EN
EN
4A
3A
3, 4EN
2A
1A
1, 2EN
15
9
12
7
1
4
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
13
14
11
10
5
6
3
2
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram, each driver (positive logic)
A
EN
Y
Z
schematics of inputs and outputs
Enable Inputs: R(eq) = 8 kΩ NOM
R(eq) = equivalent resistor
Data Inputs: R(eq) = 3 kΩ NOM
Input
VCC
R(eq)
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL OUTPUTS
GND
Output
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com