Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS085 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS085
Description  LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS085 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS085 Datasheet HTML 1Page - Texas Instruments SN75ALS085 Datasheet HTML 2Page - Texas Instruments SN75ALS085 Datasheet HTML 3Page - Texas Instruments SN75ALS085 Datasheet HTML 4Page - Texas Instruments SN75ALS085 Datasheet HTML 5Page - Texas Instruments SN75ALS085 Datasheet HTML 6Page - Texas Instruments SN75ALS085 Datasheet HTML 7Page - Texas Instruments SN75ALS085 Datasheet HTML 8Page - Texas Instruments SN75ALS085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN75ALS085
LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
SLLS054B – APRIL 1989 – REVISED MAY 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagram (positive logic)
150 ns
5
RXEN1
RXO1
6
1
1
X1
TXO1
TXO1
23
24
1
1
X1
250 ns
4
µS
ECL/TTL
Noise
Filter
+–
225 mV
RX11
20
RX11
21
LOOP1
3
TXI1
1
TXEN1
2
LOOP2
10
7
RXO2
150 ns
RXEN2
8
14
13
TXO2
TXO2
4
µS
250 ns
Noise
Filter
ECL/TTL
225 mV
–
+
RXI2
17
16
12
TXI2
11
TXEN2
RXI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com