Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS085 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS085
Description  LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS085 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN75ALS085 Datasheet HTML 9Page - Texas Instruments SN75ALS085 Datasheet HTML 10Page - Texas Instruments SN75ALS085 Datasheet HTML 11Page - Texas Instruments SN75ALS085 Datasheet HTML 12Page - Texas Instruments SN75ALS085 Datasheet HTML 13Page - Texas Instruments SN75ALS085 Datasheet HTML 14Page - Texas Instruments SN75ALS085 Datasheet HTML 15Page - Texas Instruments SN75ALS085 Datasheet HTML 16Page - Texas Instruments SN75ALS085 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SN75ALS085
LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
SLLS054B – APRIL 1989 – REVISED MAY 1995
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
3 V
4.5 V
tPLH
VOL
VOH
1.3 V
50%
tPHL
50%
1.3 V
RXO
TXI
NOTE: Input tr ≤ 5 ns; tf ≤ 5 ns
Figure 13
tPLH
VOL
VOH
tPHL
0.8 V
1.3 V
2 V
50%
RXEN
TXEN
50%
1.3 V
NOTE: Input tr ≤ 5 ns; tf ≤ 5 ns
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com