Electronic Components Datasheet Search
  English  ▼

X  

IS900 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS900
Description  MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS900 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS900 Datasheet HTML 1Page - ISOCOM COMPONENTS IS900 Datasheet HTML 2Page - ISOCOM COMPONENTS IS900 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92175-AAS/A1
5/3/03
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F )
0.7
1.0
V
I
F = 0.3mA
Forward Voltage (V
F )
1.1
1.4
V
I
F = 4mA
Reverse Current (I
R )
10
µA
V
R = 3V
Reverse Breakdown Voltage(V
R )
3.0
V
I
R =10 µA
Output
Operating Voltage Range (V
CC )
3
15
V
Supply Current I
6 (off )
5
mA
I
F = 0mA, VCC = 5V
Output Current High ( I
OH )
100
µA
I
F=0mA,VCC=VO=15V
Coupled
Supply Current I
6 (on )
5
mA
I
F = 4mA, VCC = 5V
Output Voltage, Low (V
OL )
0.4
V
I
OL= 16mA, IF = 4mA,
V
CC= 5V
Turn-on Threshold Current I
F (on )
1.1
2.0
mA
R
L= 280Ω, VCC = 5V,
T
A = 25°C
4.0
mA
R
L= 280Ω, VCC = 5V
Turn-off Threshold Current I
F (off )
0.3
mA
R
L= 270Ω, VCC = 5V
Hysteresis Ratio I
F (off ) / IF (on )
0.5
0.9
Input to Output Isolation Voltage V
IS0
5300
V
RMS
See note 1
7500
V
PK
See note 1
High to Low (tPHL)
1
3
µs
T
A = 25°C
Fall Time (tf)
0.5
µs
V
CC= 5V
Low to High (tPLH)
2
6
µs
I
F = 4mA
Rise Time (tr)
0.5
µs
R
L= 280Ω
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
SWITCHINGTESTCIRCUIT
t
r
t
f
50%
tPLH
tPHL
V
OH
90%
10%
1.5V
V
O
V
IN
V
O
SWITCHING CHARACTERISTICS
5V
270
Ω
4
V
O
0.1
µF
5
V
IN
47
Ω
I
6
6
Z = 50
Ω
tr = tf = 0.01
µ sec



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com