Electronic Components Datasheet Search
  English  ▼

X  

IS900 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # IS900
Description  MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS900 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  IS900 Datasheet HTML 1Page - ISOCOM COMPONENTS IS900 Datasheet HTML 2Page - ISOCOM COMPONENTS IS900 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92175-AAS/A1
5/3/03
1
0
1
2
Input current I
F (mA)
3
0
4
Supply voltage V
CC ( V )
1.0
0.4
0.2
0
0.6
0.8
0
2
4
6
8
10
12
14
16
Transfer Characteristics
Threshold Current vs. Supply Voltage
-55 -25
0
25
50
75 100
Ambient temperature T
A ( °C )
Load current I
O (mA)
Threshold Current vs. Ambient Temperature
2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
On Voltage vs. Load Current
1
2
5
10
20
50
Supply Current vs. Supply Voltage
Supply voltage V
CC ( V )
0
0
0
2
4
6
8
10
12
14
16
0
0.5
1
1.5
2
2.5
3
Forward voltage V
F ( V )
Forward Voltage vs. Forward Current
1.2
1.4
5
6
1.6
1.8
R
L= 270Ω
V
CC = 5V
T
A = 25°C
I
F Normalized
to I
F (on) at
V
CC = 5V
T
A = 25°C
Normalized to
V
CC = 5V
T
A = 25°C
V
OH
V
OL
I
F (off )
I
F (on)
Turn-off threshold
Turn-on threshold
0.02
0.05
0.1
0.2
0.5
1.0
V
CC = 5V
T
A = 25°C
100°C
25°C
-55°C
1.0
10
100
2
5
20
50
0.5
0.2
2
4
6
T
A = 25°C
I
F = 0mA
I
F = 5mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com