Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS192 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS192
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS192 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75ALS192 Datasheet HTML 3Page - Texas Instruments SN75ALS192 Datasheet HTML 4Page - Texas Instruments SN75ALS192 Datasheet HTML 5Page - Texas Instruments SN75ALS192 Datasheet HTML 6Page - Texas Instruments SN75ALS192 Datasheet HTML 7Page - Texas Instruments SN75ALS192 Datasheet HTML 8Page - Texas Instruments SN75ALS192 Datasheet HTML 9Page - Texas Instruments SN75ALS192 Datasheet HTML 10Page - Texas Instruments SN75ALS192 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SN75ALS192
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS007D – JULY 1985 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 11
NOTE A: The A input is connected to GND during the testing of the
Y outputs and to VCC during the testing of the Z outputs.
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5 V
IOL= –20 mA
See Note A
– 75
– 50
– 25
0
25
50
75
100
125
0.35
0.3
0.25
0.2
0.4
0.45
0.5
0.15
0.1
0.05
0
Figure 12
NOTE A: The A input is connected to GND during the testing of the
Y outputs and to VCC during the testing of the Z outputs.
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0.7
0.6
0.5
0.4
0.8
0.9
1
0.3
0.2
0.1
0
See Note A
TA = 25°C
0
2040
6080
100
10
30
50
70
90
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
Figure 13
40
20
10
0
0
1
234
5
60
70
80
67
8
50
30
Inputs Grounded
Outputs Enabled
No Load
TA = 25°C
Inputs Open
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage– V
Figure 14
20
10
5
0
0
1
234
5
30
35
40
67
8
25
15
A Inputs Open or Grounded
Outputs Disabled
No Load
TA = 25°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com