Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS192 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS192
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS192 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75ALS192 Datasheet HTML 3Page - Texas Instruments SN75ALS192 Datasheet HTML 4Page - Texas Instruments SN75ALS192 Datasheet HTML 5Page - Texas Instruments SN75ALS192 Datasheet HTML 6Page - Texas Instruments SN75ALS192 Datasheet HTML 7Page - Texas Instruments SN75ALS192 Datasheet HTML 8Page - Texas Instruments SN75ALS192 Datasheet HTML 9Page - Texas Instruments SN75ALS192 Datasheet HTML 10Page - Texas Instruments SN75ALS192 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SN75ALS192
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS007D – JULY 1985 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
10 k
100 k
1 M
10 M
100 M
VCC = 5 V
Input = 0 to 3 V
Duty Cycle = 50%
CL = 30 pF to All Outputs
SUPPLY CURRENT
vs
FREQUENCY
f – Frequency– Hz
0
30
40
50
10
20
60
Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com