Electronic Components Datasheet Search
  English  ▼

X  

87658 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87658
Description  PowerPlusTM (SSI) Expandable Power & Signal Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

87658 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87658 Datasheet HTML 1Page - Molex Electronics Ltd. 87658 Datasheet HTML 2Page - Molex Electronics Ltd. 87658 Datasheet HTML 3Page - Molex Electronics Ltd. 87658 Datasheet HTML 4Page - Molex Electronics Ltd. 87658 Datasheet HTML 5Page - Molex Electronics Ltd. 87658 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PowerPlusTM (SSI) Expandable Power & Signal Connectors
They feature recessed signal-pins and sequential mating (Last-Mate-
First-Break) that allows hot-swapping of power supply units on the
male side. The receptacle could also provide for LMFB with recess
power blade. The selection options include any number of power (up
to 20) or signals (up to 128), placing power or signal at different
location, fork lock or screw mount, AC or DC current (different pitch),
Guide post option, Standard and Long Power blades. Molex offers
standard through-hole right angle headers and receptacles as well as
through- hole and press fit vertical receptacles.
Rigid tails for easy PCB insertion
Metal forklocks or screw mounts for strong board retention
reduce board warpage during soldering
High temperature thermoplastic housing material ensures
thermal reliability
Molex’s successfully introduced a new series of power connectors
that conform to Server System Infrastructure (SSI) open specification
(http://www.ssiforum.org). The DPS and MPS offer a standard
variation of 2 & 11 power blades with mixed layout of 24 signal
pins. The contact support up to 30 amperes of current. With demand
for more flexibility and options in variations, Molex have further
expanded the series to cater to the needs and requirement from our
customers.
INTRODUCTION
Recessed pins-sequential mating (Last-Mate-First-Break) allows
hot swapping of power supply units
Guide Pockets (headers) or guide posts (receptacles) facilitate
easy blind-mating
Shrouded headers prevent contact damage
Stamped and selectively plated power contacts provide greater
electrical reliability
FEATURES AND BENEFITS
APPLICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com