Electronic Components Datasheet Search
  English  ▼

X  

87658 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 87658
Description  PowerPlusTM (SSI) Expandable Power & Signal Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

87658 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  87658 Datasheet HTML 1Page - Molex Electronics Ltd. 87658 Datasheet HTML 2Page - Molex Electronics Ltd. 87658 Datasheet HTML 3Page - Molex Electronics Ltd. 87658 Datasheet HTML 4Page - Molex Electronics Ltd. 87658 Datasheet HTML 5Page - Molex Electronics Ltd. 87658 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical
Voltage:
Power – 48V
Signal – 48V
Current:
Power – 30A
Signal – 2.5A
Contact Resistance:
Power – 0.5 m
Ω max.
Signal – 20 m
Ω max.
Dielectric Withstanding Voltage:
Power – 2,500V AC
Signal – 1,000V AC
Insulation Resistance:
Power – 20,000 M
Ω min.
Signal – 5,000 M
Ω min.
Mechanical
Mating Force:
Power – 6.95N (1.56 lb) per pin
Signal – 1.00N (.22 lb) per pin
Unmating Force:
Power – 2.23N (.50 lb) per pin
Signal – 0.10N (.022 lb) per pin
Durability: 100 cycles
Physical
Unmated Height: 12.09mm (.476”)
Housing: Black High Temperature Thermoplastic,
Glass-filled, UL 94V-0
Contact: Copper (Cu) Alloy
Plating:
Contact – 0.76µm (30µ”) Gold (Au)
Tail – 2.54µm (100µ”) Tin/Lead (Sn/Pb)
Underplating – Nickel (Ni)
Operating Temperature: -40
°C to +105
SPECIFICATIONS
SSI - DPS
87606
Right Angle,
Through Hole Header
87607
Right Angle,
Through Hole Receptacle
87695
Vertical,
Press-Fit Receptacle
SSI - MPS
87615
Right Angle,
Through Hole Header
87616
Right Angle,
Through Hole Receptacle
87665
Vertical,
Press-Fit Receptacle
PowerPlusTM (SSI) Expandable Power & Signal Connectors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com