Electronic Components Datasheet Search
  English  ▼

X  

TAS1020APFB Datasheet(PDF) 67 Page - Texas Instruments

Part # TAS1020APFB
Description  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020APFB Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS1020APFB Datasheet HTML 63Page - Texas Instruments TAS1020APFB Datasheet HTML 64Page - Texas Instruments TAS1020APFB Datasheet HTML 65Page - Texas Instruments TAS1020APFB Datasheet HTML 66Page - Texas Instruments TAS1020APFB Datasheet HTML 67Page - Texas Instruments TAS1020APFB Datasheet HTML 68Page - Texas Instruments TAS1020APFB Datasheet HTML 69Page - Texas Instruments TAS1020APFB Datasheet HTML 70Page - Texas Instruments TAS1020APFB Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
4–1
4 Application Information
24C64
33
28
2
3
4
5
6
7
8
P1.4
P1.3
32
31
30
CDATI
CSYNC
DV
TEST
EXTEN
MCLKI
PUR
DP
DM
27
26
29
9
10
11
12
25
1
P1.2
DD
PLLFILO
AV
SS
DV
DD
DV
DD
DVSS
TAS1020A
P1.5
P1.6
P1.7
CSCHNE
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
3.3 VD
3.3 VD
1
µF
3.3 VD
10 k
Ω
27.4
Ω
1.5 k
Ω
Shield
Shield
GND
VCC
D–
D+
VCC
WP
SCL
SDA
GND
A2
1
4
5
6
2
3
USB_CONN
VCC
3.09 k
Ω
1000 pF
100 pF
AGND
3.3 VA
27 pF
XTAL
6 MHz
27 pF
AGND
MCLKO
A1
A0
DGND
DGND
3.3 VD
2 k
Ω
47 pF
47 pF
Top Layer Ground Shield
Ferrite Bead
9
Ω at 100 MHz
20 k
Ω
+
C1
C5
35
36
34
C3
C2
2 k
Ω
C4
Voltage
Regulator
+
10
µF
16 V
C1
0.1
µF
C2
0.1
µF
DGND
C3
0.1
µF
C4
0.1
µF
3.3 VD (TAS1020A Only)
1.0
Ω
1
µF
16 V
+
C5
0.1
µF
AGND
3.3 VA (TAS1020A Only)
3.3 V
DGND
1.0
Ω
27.4
Ω
CRESET
MRESET
RSTO
NOTES: A. If MCLKI and CSCHNE are not used, they must be connected to DGND.
B. Capacitors C1, C2, C3, C4, and C5 are as shown to indicate they must be mounted as close to the pins as possible.
C. NC on pins 20 and 22 means they must be left unconnected when running in normal mode.
D. Crystal load capacitors are shown as 27 pF, but recommendations of crystal manufactures should be followed.
Figure 4–1. Typical TAS1020A Device Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com