Electronic Components Datasheet Search
  English  ▼

X  

TAS1020APFB Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS1020APFB
Description  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020APFB Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS1020APFB Datasheet HTML 15Page - Texas Instruments TAS1020APFB Datasheet HTML 16Page - Texas Instruments TAS1020APFB Datasheet HTML 17Page - Texas Instruments TAS1020APFB Datasheet HTML 18Page - Texas Instruments TAS1020APFB Datasheet HTML 19Page - Texas Instruments TAS1020APFB Datasheet HTML 20Page - Texas Instruments TAS1020APFB Datasheet HTML 21Page - Texas Instruments TAS1020APFB Datasheet HTML 22Page - Texas Instruments TAS1020APFB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
2–5
header data). In all three of these cases, the TAS1020A firmware comes up in the DFU Program Mode. A host boot
ensues, but the final destination of the download depends on the status of the onboard EEPROM.
•
If the firmware determines that no EEPROM is present (by noting, when addressing the EEPROM, the
absence of an acknowledge from the EEPROM), a Vendor ID of 0xFFFF and a Product ID of 0xFFFE is
reported during enumeration. The download that follows enumeration is written to the on-chip RAM. The
download from the host must include a header (see Section 2.2.2.3.1), and the header overwrite bit in the
header downloaded must be set to 0. (The header overwrite bit is used to instruct the TAS1020A firmware
as to whether or not the header portion of the download is to be written into the EEPROM. Since, in this case,
no EEPROM is present, this header overwrite bit must be set to 0). It is noted that the host must have prior
knowledge that the target will initialize in the DFU program mode and will require a download of application
code (and header) to RAM.
•
If the firmware determines that an EEPROM is present (acknowledges are received from the EEPROM),
but that the header data in the EEPROM is invalid, a Vendor ID of 0xFFFF and a Product ID of 0xFFFE is
reported during enumeration. The download that follows enumeration is written to EEPROM. Since the
EEPROM data was invalid, the host has to set the header overwrite bit in the header portion of the download
to a 1 to ensure that the header is written to the EEPROM. It is noted that the host must have prior knowledge
that the target does have an EEPROM, but that the data in the EEPROM is invalid. This could be a situation
such as the initial download of the application on a production line.
•
If the firmware determines that an EEPROM is present, that the header data in the EEPROM is valid, but
that the header data in the EEPROM indicates that the EEPROM is a device EEPROM, the Vendor ID and
Product ID settings in the EEPROM-resident header is reported during enumeration. In addition, the strings
in the header, if applicable, are reported. The EEPROM download that follows enumeration will be written
to the on-chip RAM facility. In addition to downloading the application code to RAM, an option also exists
to download the header portion of the download image to the EEPROM. If the host does not wish to
overwrite the valid header data in the EEPROM, it must set the header overwrite bit in its download header
to a 0. It is noted that the host must have knowledge that the target contains an EEPROM, and that the
EEPROM is a device EEPROM.
2.2.2.3 EEPROM Data Organization
Two types of data can be stored in the EEPROM—header data, which contains USB device information, and
application code. The presence of header data in the EEPROM is mandatory, but the presence of application code
is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com