Electronic Components Datasheet Search
  English  ▼

X  

TAS3001C Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS3001C
Description  Stereo Audio Digital Equalizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001C Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS3001C Datasheet HTML 14Page - Texas Instruments TAS3001C Datasheet HTML 15Page - Texas Instruments TAS3001C Datasheet HTML 16Page - Texas Instruments TAS3001C Datasheet HTML 17Page - Texas Instruments TAS3001C Datasheet HTML 18Page - Texas Instruments TAS3001C Datasheet HTML 19Page - Texas Instruments TAS3001C Datasheet HTML 20Page - Texas Instruments TAS3001C Datasheet HTML 21Page - Texas Instruments TAS3001C Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
2−4
2.1.3
Right-Justified Serial Format
The following are characteristics of this protocol:
•
LRCLK is the left/right clock. The left channel is transmitted when LRCLK is high. The right channel is
transmitted when LRCLK is low.
•
The SDIN data (recorded data) is justified to the trailing edge of the LRCLK.
•
Serial data is sampled on the rising edge of SCLK.
•
Serial data is transmitted on the falling edge of SCLK.
•
In this mode, LRCLK does not have to be a 50% duty-cycle clock. The number of bits used in the interface
sets the minimum duty cycle. There must be enough SCLK pulses to shift all of the data.
MSB
X
SDIN1
SCLK
MSB
X
LSB
LSB
MSB
X
MSB
X
LSB
LSB
Left Channel
Right Channel
SDOUT
LRCLK = fs
Figure 2−4. Right-Justified Serial Format
2.2
LRCLKOUT and SCLKOUT
The digital audio processor and on-chip logic are sequenced using an internal system clock that is derived from MCLK
(master clock). Also derived from MCLK are the LRCLKOUT and SCLKOUT signals that provide clocks to the
TAS3001 and other devices in the system.
The TAS3001 allows multiple system clocking schemes. In Figure 2−5, the TAS3001 provides system clocks (LRCLK
and SCLK) to other parts of the system. In Figure 2−6, a system master other than the TAS3001, provides system
clocks (LRCLK and SCLK) to the TAS3001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com