Electronic Components Datasheet Search
  English  ▼

X  

TAS3001C Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS3001C
Description  Stereo Audio Digital Equalizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001C Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS3001C Datasheet HTML 25Page - Texas Instruments TAS3001C Datasheet HTML 26Page - Texas Instruments TAS3001C Datasheet HTML 27Page - Texas Instruments TAS3001C Datasheet HTML 28Page - Texas Instruments TAS3001C Datasheet HTML 29Page - Texas Instruments TAS3001C Datasheet HTML 30Page - Texas Instruments TAS3001C Datasheet HTML 31Page - Texas Instruments TAS3001C Datasheet HTML 32Page - Texas Instruments TAS3001C Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
6−1
6 Electrical Characteristics
6.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(Unless Otherwise Noted)†
Supply voltage range, AVDD_PLL, DVDD
−0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC
122.3
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature from case for 10 seconds
97.8
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance‡
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Human body model per method 3015.2 of MIL-STD-883B.
6.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
PLL supply voltage, AVDD
3
3.3
3.6
V
Digital IC supply voltage, DVDD
3
3.3
3.6
V
Capacitive load for each bus line CL(bus) (SDA, SCL)
400
pF
Operating free-air temperature, TA
0
25
70
°C
6.3
Power Consumption
PARAMETER
TEST CONDITIONS
32−48 kHz
SAMPLE
RATE
96 kHz
SAMPLE
RATE
UNIT
TYP
TYP
VDD = 3.3 V, No load
20
40
PLL and digital IC supply current, IDD
VDD = 3.3 V, No load, Reset active
35
70
mA
PLL and digital IC supply current, IDD
VDD = 3.3 V, No load, Standby
2
4
mA
6.4
Static Digital Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
VDD +0.3
V
VIL
Low-level input voltage
−0.3
0.8
V
VOH
High-level output voltage
IO = −1 mA
2.4
VDD
V
VOL
Low-level output voltage
IO = 4 mA
0.4
V
IIH
High-level input leakage current
−10
10
µA
IIL
Low-level input leakage current
−10
10
µA
IOZ(H) High-level output leakage current
SCL, SDA
−10
10
µA
IOZ(L)
Low-level output leakage current
SCL, SDA
−10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com