Electronic Components Datasheet Search
  English  ▼

X  

TC237 Datasheet(PDF) 1 Page - Texas Instruments

Part # TC237
Description  680- 횞 500-pixel ccd image sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC237 Datasheet(HTML) 1 Page - Texas Instruments

  TC237 Datasheet HTML 1Page - Texas Instruments TC237 Datasheet HTML 2Page - Texas Instruments TC237 Datasheet HTML 3Page - Texas Instruments TC237 Datasheet HTML 4Page - Texas Instruments TC237 Datasheet HTML 5Page - Texas Instruments TC237 Datasheet HTML 6Page - Texas Instruments TC237 Datasheet HTML 7Page - Texas Instruments TC237 Datasheet HTML 8Page - Texas Instruments TC237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TC237
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS044B – JUNE 1994 – REVISED JUNE 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Very High-Resolution, 1/3-in Solid-State
Image Sensor for NTSC Black and White
Applications
D 340,000 Pixels per Field
D Frame Memory
D 658 (H) × 496 (V) Active Elements in Image
Sensing Area Compatible With Electronic
Centerin
D Multimode Readout Capability
– Progressive Scan
– Interlaced Scan
– Dual-Line Readout
– Image-Area Line Summing
– Smear Subtraction
D Fast Single-Pulse Clear Capability
D Continuous Electronic Exposure Control
From 1/60 – 1/50,000 s
D 7.4-µm Square Pixels
D Advanced Lateral-Overflow-Drain
Antiblooming
D Low Dark Current
D High Dynamic Range
D High Sensitivity
D High Blue Response
D Solid-State Reliability With No Image
Burn-In, Residual Imaging, Image
Distortion, Image Lag, or
Microphonics
description
The TC237 is a frame-transfer, charge-coupled device (CCD) image sensor designed for use in single-chip
black and white NTSC TV, computer, and special-purpose applications requiring low cost and small size.
The image-sensing area of the TC237 is configured into 500 lines with 680 elements in each line. Twenty-two
elements are provided in each line for dark reference. The blooming-protection feature of the sensor is based
on an advanced lateral-overflow-drain concept. The sensor can be operated in a true-interlace mode as a
658(H)
× 496(V) sensor with a very low dark current. One important feature of the TC237 very high-resolution
sensor is the ability to capture a full 340,000 pixels per field. The image sensor also provides high-speed image-
transfer capability. This capability allows for a continuous electronic exposure control without the loss of
sensitivity and resolution inherent in other technologies. The charge is converted to signal voltage at 20
µV per
electron by a high-performance structure with a reset and a voltage-reference generator. The signal is further
buffered by a low-noise, two-stage, source-follower amplifier to provide high output-drive capability.
The TC237 is built using TI-proprietary advanced virtual-phase (AVP) technology, which provides devices with
high blue response, low dark signal, good uniformity, and single-phase clocking. The TC237 is characterized
for operation from – 10
°C to 45°C.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to VSS. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUT to VSS during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
DUAL-IN-LINE PACKAGE
(TOP VIEW)
ODB 1
IAG2 2
SUB 3
ADB 4
OUT1 5
OUT2 6
12 IAG1
11 SAG
10 SAG
9 SUB
8 SRG
7 RST


Similar Part No. - TC237

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC237 INFINEON-TC237 Datasheet
7Mb / 238P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Texas Instruments
TC237B TI-TC237B Datasheet
205Kb / 15P
680-횞500-PIXEL CCD IMAGE SENSOR
More results

Similar Description - TC237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC253SPD-B0 TI-TC253SPD-B0 Datasheet
367Kb / 23P
680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC25SPD TI-TC25SPD Datasheet
255Kb / 19P
680 X 500 PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
680-횞500-PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
680-횞500-PIXEL CCD IMAGE SENSOR
TC246CYM-B0 TI-TC246CYM-B0 Datasheet
486Kb / 27P
680 x 500 PIXEL IMPACTRONTM COMPLEMENTARY COLOR CCD IMAGE SENSOR
TC246 TI1-TC246 Datasheet
1Mb / 30P
680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
TC271 TI1-TC271 Datasheet
373Kb / 22P
1080 횞 580-PIXEL CCD IMAGE SENSOR
TX253-30 TI-TX253-30 Datasheet
247Kb / 19P
680 X 500 PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com