Electronic Components Datasheet Search
  English  ▼

X  

TC237 Datasheet(PDF) 14 Page - Texas Instruments

Part # TC237
Description  680- 횞 500-pixel ccd image sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC237 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TC237 Datasheet HTML 7Page - Texas Instruments TC237 Datasheet HTML 8Page - Texas Instruments TC237 Datasheet HTML 9Page - Texas Instruments TC237 Datasheet HTML 10Page - Texas Instruments TC237 Datasheet HTML 11Page - Texas Instruments TC237 Datasheet HTML 12Page - Texas Instruments TC237 Datasheet HTML 13Page - Texas Instruments TC237 Datasheet HTML 14Page - Texas Instruments TC237 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TC237
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS044B – JUNE 1994 – REVISED JUNE 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC237 consists of a ceramic base, a glass window, and a 12-lead frame. The glass window is
sealed to the package by an epoxy adhesive. The package leads are configured in a dual-in-line organization and
fit into mounting holes with 1,78 mm center-to-center spacings.
Package
Center
Optical
Center
Focus Plane
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS
TC237 (12 pin)
Index
Mark
04/95
4,50
4,10
5,99
5,59
12,40
12,00
11,50
11,10
10,90
10,70
2,08
1,48
11,68
11,18
0,33
0,17
3,298
2,798
3,998
3,398
11,70
11,50
1,78
0,76
1,91
1,65
0,51
0,41
0,50
3,90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com