Electronic Components Datasheet Search
  English  ▼

X  

TCM1050 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TCM1050
Description  DUAL TRANSIENT-VOLTAGE SUPPRESSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM1050 Datasheet(HTML) 1 Page - Texas Instruments

  TCM1050 Datasheet HTML 1Page - Texas Instruments TCM1050 Datasheet HTML 2Page - Texas Instruments TCM1050 Datasheet HTML 3Page - Texas Instruments TCM1050 Datasheet HTML 4Page - Texas Instruments TCM1050 Datasheet HTML 5Page - Texas Instruments TCM1050 Datasheet HTML 6Page - Texas Instruments TCM1050 Datasheet HTML 7Page - Texas Instruments TCM1050 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TCM1030, TCM1050
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
SCTS040B – JUNE 1989 – REVISED JUNE 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meet or Exceed Bell Standard LSSGR
Requirements
D Externally-Controlled Negative Firing
Voltage ...– 90 V Max
D Accurately Controlled, Wide Negative
Firing Voltage Range...– 5 V to – 85 V
D Positive Surge Current (see Note 1):
TCM1030
TCM1050
10/1000
16 A
30 A
10/160
25 A
45 A
2/10
35 A
50 A
D Negative Surge Current (see Note 1):
TCM1030
TCM1050
10/1000
– 16 A
– 25 A
10/160
– 25 A
– 29 A
2/10
– 35 A
– 36 A
D High Holding Current
– TCM1030... 100 mA Min
– TCM1050... 150 mA Min
description
The TCM1030 and TCM1050 dual transient-voltage suppressors are designed specifically for telephone line
card protection against lightning and transients (voltage transients) induced by ac lines. One of the TIP terminals
(pin 1 or 8) and one of the RING terminals (pin 4 or 5) are connected to the tip and ring circuits of a SLIC
(subscriber-line interface circuit). The battery feed connections between the SLIC and the subscriber line are
from the remaining TIP (pin 1 or 8) and RING (pin 4 or 5) through the TCM1030 or the TCM1050 to the tip and
ring lines. Transients are suppressed between tip and ground, and ring and ground.
Positive transients are clamped by diodes D1 and D2. Negative transients that are more negative than VS cause
the SCRs, Q1 and Q2, to crowbar. The high holding current of the SCRs prevent dc latchup as the transient
subsides.
The TCM1030 and TCM1050 are characterized for operation from – 40
°C to 85°C.
NOTE 1: The notation 10/1000 refers to a waveshape having tr = 10 µs and tw = 1000 µs ending at 50% of the peak value. The notation 10/160
is tr = 10 µs and tw = 160 µs. The notation 2/10 is tr = 2 µs and tw = 10 µs.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
TIP
VS
NC
RING
TIP
GND
GND
RING
D OR P PACKAGE
(TOP VIEW)
NC – No internal connection
The D package is available taped and
reeled. Add R suffix (i.e., TCM1030DR).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TCM1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1050 TI1-TCM1050 Datasheet
118Kb / 9P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050 TI1-TCM1050 Datasheet
117Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050 TI1-TCM1050 Datasheet
117Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050 TI2-TCM1050 Datasheet
187Kb / 9P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
REVISED JUNE 1997
TCM1050D TI2-TCM1050D Datasheet
187Kb / 9P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
REVISED JUNE 1997
More results

Similar Description - TCM1050

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP1072F3 POINN-TISP1072F3 Datasheet
483Kb / 17P
DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP1082 POINN-TISP1082 Datasheet
248Kb / 11P
DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Texas Instruments
TCM1030 TI-TCM1030_99 Datasheet
78Kb / 6P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030_1998 TI1-TCM1030_1998 Datasheet
117Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com