Electronic Components Datasheet Search
  English  ▼

X  

TCM1050 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCM1050
Description  DUAL TRANSIENT-VOLTAGE SUPPRESSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM1050 Datasheet(HTML) 3 Page - Texas Instruments

  TCM1050 Datasheet HTML 1Page - Texas Instruments TCM1050 Datasheet HTML 2Page - Texas Instruments TCM1050 Datasheet HTML 3Page - Texas Instruments TCM1050 Datasheet HTML 4Page - Texas Instruments TCM1050 Datasheet HTML 5Page - Texas Instruments TCM1050 Datasheet HTML 6Page - Texas Instruments TCM1050 Datasheet HTML 7Page - Texas Instruments TCM1050 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TCM1030, TCM1050
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
SCTS040B – JUNE 1989 – REVISED JUNE 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TCM1030
TCM1050
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
IFM = 1-A transient
1.2
2
1.2
2
VCF
Forward clamping voltage
(diode forward voltage) (see
IFM = 10-A transient
2.5
4
2
4
V
VCF
(diode forward voltage) (see
Note 3)
IFM = 16-A transient
4
5
2.5
5
V
Note 3)
IFM = 30-A transient
—
—
—
3.1
5
ITM = 1-A transient
–1.2
–2
–1.2
–2
VC(R)
Reverse clamping voltage
(SCR on state voltage) (see
ITM = 10-A transient
– 2.5
–4
– 2.5
–4
V
VC(R)
(SCR on-state voltage) (see
Note 3)
ITM = 16-A transient
–4
–5
–3
–5
V
Note 3)
ITM = 30-A transient
—
—
—
– 4.8
–7
II(trip)
Trip current (see Note 4)
VS = – 50 V
– 100
– 325
– 100
– 325
mA
IH
Holding current
VS = – 50 V
– 100
– 150
mA
VS = – 50 V,
I = trip current
–50
–55
–50
–55
VI(trip)
Trip voltage
VS = – 65 V,
I = trip current
–65
–70
–65
–70
V
()
VS = – 85 V,
I = trip current
—
—
—
–85
–90
II(stby)
Standby current
TIP and RING at – 85 V or GND,
VS = – 85 V
±5
±5
µA
Transient overshoot voltage
VS = – 50 V,
tr = 10 ns
2.5
2.5
V
C ff
Off-state (high impedance)
TIP and RING at – 50 V
25
25
pF
Coff
(g
)
capacitance
TIP and RING at GND
50
50
pF
dv/dt
Critical rate of rise of off-state
voltage (see Note 5)
VS open,
VS = – 50 V
–1
–1
kV/
µs
† All typical values are at TA = 25°C.
NOTES:
3. The current flows through one TIP (or RING) terminal and one of the GND terminals. The voltage is measured between the other
TIP (or RING) terminal and the other GND terminal. Measurement time
≤ 1 ms.
4. The negative value of trip current refers to the current flowing out of TIP or RING on the line side that is sufficient in magnitude to
trigger the SCRs. Measurement time
≤ 1 ns.
5. The critical dv/dt is measured using a linear rate of rise with the maximum voltage limited to – 50 V with VS connected to TIP or RING
being measured.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com