Electronic Components Datasheet Search
  English  ▼

X  

TCM29C16 Datasheet(PDF) 19 Page - Texas Instruments

Part # TCM29C16
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C16 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TCM29C16 Datasheet HTML 15Page - Texas Instruments TCM29C16 Datasheet HTML 16Page - Texas Instruments TCM29C16 Datasheet HTML 17Page - Texas Instruments TCM29C16 Datasheet HTML 18Page - Texas Instruments TCM29C16 Datasheet HTML 19Page - Texas Instruments TCM29C16 Datasheet HTML 20Page - Texas Instruments TCM29C16 Datasheet HTML 21Page - Texas Instruments TCM29C16 Datasheet HTML 22Page - Texas Instruments TCM29C16 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
fixed-data-rate timing (see Figure 8)
Fixed-data-rate timing is selected by connecting DCLKR to VBB and uses master clocks CLKX and CLKR,
frame-synchronizer clocks FSX and FSR, and output TSX. FSX and FSR are 8-kHz inputs that set the sampling
frequency and distinguish between signaling and nonsignaling frames by their pulse durations. A frame
synchronization pulse one master-clock period long designates a nonsignaling frame, while a double-length
sync pulse enables the signaling function (TCM29C14 and TCM129C14 only). Data is transmitted on PCM OUT
on the first eight positive transitions of CLKX following the rising edge of FSR. Data is received on PCM IN on
the first eight falling edges of CLKR following FSR. A digital-to-analog (D/A) conversion is performed on the
received digital word, and the resulting analog sample is held on an internal sample-and-hold capacitor until
transferred to the receive filter.
The clock-selection pin (CLKSEL) is used to select the frequency of CLKX and CLKR (TCM29C13, TCM29C14,
TCM129C13, and TCM129C14 only). The TCM29C13, TCM29C14, TCM129C13, and TCM129C14 fixed-
data-rate mode can operate with frequencies of 1.536 MHz, 1.544 MHz, or 2.048 MHz. The TCM29C16,
TCM29C17, TCM129C16, and TCM129C17 fixed-data-rate mode operates at 2.048 MHz only.
1234
56
7
8
1234
56
7
8
192/193/256
TS1X
Other
Time Slots
TS1X
Transmit Signal Frame
Don’t Care
Don’t Care
Valid
B1 B2 B3 B4 B5 B6 B7 B8
B1 B2 B3 B4 B5 B6
B7 B8 SIGX
1234
56
7
8
1234
56
7
8
192/193/256
TS1R
Other
Time Slots
TS1R
Receive Signal Frame
Previous Value
B1 B2 B3 B4 B5 B6 B7 B8
B1 B2 B3 B4 B5 B6 B7 B8
SIGR
9
192/193/256
New Value
CLKX
FSX
PCM OUT
TSX
SIGX
CLKR
FSR
PCM IN
SIGR
Figure 8. Signaling Timing (Fixed-Data-Rate Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com