Electronic Components Datasheet Search
  English  ▼

X  

TCM38C17 Datasheet(PDF) 21 Page - Texas Instruments

Part # TCM38C17
Description  QComboE FOUR-CHANNEL QUAD PCM COMBO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM38C17 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCM38C17 Datasheet HTML 14Page - Texas Instruments TCM38C17 Datasheet HTML 15Page - Texas Instruments TCM38C17 Datasheet HTML 16Page - Texas Instruments TCM38C17 Datasheet HTML 17Page - Texas Instruments TCM38C17 Datasheet HTML 18Page - Texas Instruments TCM38C17 Datasheet HTML 19Page - Texas Instruments TCM38C17 Datasheet HTML 20Page - Texas Instruments TCM38C17 Datasheet HTML 21Page - Texas Instruments TCM38C17 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TCM38C17IDL
QCombo
™ FOUR-CHANNEL (QUAD) PCM COMBO
SLWS040C – JUNE 1996 – REVISED OCTOBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / C 03/97
48 PIN SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.006 (0,15) NOM
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.012 (0,305)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com