Electronic Components Datasheet Search
  English  ▼

X  

HID60 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HID60
Description  UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HID60 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HID60 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HID60 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-29-
H HiTRON
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL
SINGLE OUTPUT 60 WATTS SWITCHING MODE
POWER SUPPLIES HID60 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET UNIVERSAL SAFETY STANDARDS &
INDUSTRIAL UL 508
INDUSTRIAL POWER SUPPLIES FOR
SNAP-ON MOUNTING ON DIN-RAILS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 75%.
Switching Frequency: Fixed frq. 50K Hz.
Circuit Topology: Fixed frequency flyback circuit.
Transient Response: Recovers in less than 3mS following
a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 2.0Watts / Cubic Inch.
Industrial Grade UL 508.
Operating Temperature: -10 to +70°C.
Derating from +60 °C to +70°C by derating 2%/°C.
Storage Temperature: -25 to +85°C.
Temperature Coefficient: Typ. 0.03% /°C.
Cooling: Free air convection cooling for Ta. <+60°C.
Moving air is required for Ta. >+60°C full load operation.
Construction format: Enclosure metal box with
DIN-clips format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Charts.
Output Current: See Ratings Charts.
Output Wattage: Typ. 60W continuous.
Output Connector: Phoenix MSTBA2.5/2-G-5.08.
Line Regulation: Typ. 0.1%.
Load Regulation: Vary with output voltages.
Typ. ±1.0%.
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in.
Adjustability: Available.
LED Indicator: Installed.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typically set at 110-150% max. load.
Consult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac universal input.
Input Connector: Phoenix GMSTBA2.5/3-G-7.62.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 25A @ 230Vac.
Input Current: Typ. 1.0A/115Vac, 0.5A/230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR EN 55022 & FCC B.
No Load Operation: No damage.
Hold-up Time: 20mS @ 115Vac/ 110mS @ 230Vac.
Earth Leakage: Less than 0.4mA @ 230Vac.
In application


Similar Part No. - HID60

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HID65 HITRON-HID65 Datasheet
269Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 65 WATTS SWITCHING MODE POWER SUPPLIES
HID65-S120054 HITRON-HID65-S120054 Datasheet
269Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 65 WATTS SWITCHING MODE POWER SUPPLIES
HID65-S240027 HITRON-HID65-S240027 Datasheet
269Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 65 WATTS SWITCHING MODE POWER SUPPLIES
HID65-S480013 HITRON-HID65-S480013 Datasheet
269Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 65 WATTS SWITCHING MODE POWER SUPPLIES
More results

Similar Description - HID60

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES65 HITRON-HES65 Datasheet
331Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
HID35 HITRON-HID35 Datasheet
279Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 30 WATTS SWITCHING MODE POWER SUPPLIES
HID65 HITRON-HID65 Datasheet
269Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 65 WATTS SWITCHING MODE POWER SUPPLIES
HID125 HITRON-HID125 Datasheet
251Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
HPD65 HITRON-HPD65 Datasheet
283Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HPD100 HITRON-HPD100 Datasheet
272Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
HPD125 HITRON-HPD125 Datasheet
282Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
HPD150 HITRON-HPD150 Datasheet
226Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
HPU60 HITRON-HPU60 Datasheet
250Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
logo
Powerbox
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com