Electronic Components Datasheet Search
  English  ▼

X  

HID60 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HID60
Description  UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HID60 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HID60 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HID60 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-30-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 500.5g (17.65 Oz.)
SINGLE OUTPUT
MAIN VO1 @
MODEL NO.
Typ.
Volt
Peak
HID60-S120050
5.0A
12.0V
5.6A
HID60-S240025
2.5A
24.0V
2.8A
HID60-S480012
1.2A
48.0V
1.4A
Symbol: "@"Adjustable. " " OVP built-in for option.
Remark: Peak load less than 60 sec. with duty cycle < 10%.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-LINE
AC-
NEUTRAL
AC-
GROUND
VO1
DC COM
CONNECTOR & PIN #
P1-3 (L)
P1-2 (N)
P1-1(G)
P2-2 (V1) P2-1 (COM)
Mating connector: P1: Phoenix GMSTB2.5/3-ST-7.62
P2: Phoenix MSTB2.5/2-ST-5.08.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com