Electronic Components Datasheet Search
  English  ▼

X  

THS1050C Datasheet(PDF) 13 Page - Texas Instruments

Part # THS1050C
Description  10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1050C Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS1050C Datasheet HTML 9Page - Texas Instruments THS1050C Datasheet HTML 10Page - Texas Instruments THS1050C Datasheet HTML 11Page - Texas Instruments THS1050C Datasheet HTML 12Page - Texas Instruments THS1050C Datasheet HTML 13Page - Texas Instruments THS1050C Datasheet HTML 14Page - Texas Instruments THS1050C Datasheet HTML 15Page - Texas Instruments THS1050C Datasheet HTML 16Page - Texas Instruments THS1050C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
THS1050
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS278 – APRIL 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–1.00
0.00
1.00
0
256
512
768
INTEGRAL NONLINEARITY
vs
OUTPUT CODE
Output Code – LSBs
Fs = 50 MSPS
fIN = 15.5 MHz
1023
Figure 16
–30
–20
–10
0
0
2040
6080
100
LARGE SIGNAL ANALOG INPUT BANDWIDTH
f – Analog Input Frequency – MHz
Fs = 50 MSPS
–3 dB Point @ 82 MHz
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com