Electronic Components Datasheet Search
  English  ▼

X  

THS1206MDA Datasheet(PDF) 15 Page - Texas Instruments

Part # THS1206MDA
Description  12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1206MDA Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS1206MDA Datasheet HTML 11Page - Texas Instruments THS1206MDA Datasheet HTML 12Page - Texas Instruments THS1206MDA Datasheet HTML 13Page - Texas Instruments THS1206MDA Datasheet HTML 14Page - Texas Instruments THS1206MDA Datasheet HTML 15Page - Texas Instruments THS1206MDA Datasheet HTML 16Page - Texas Instruments THS1206MDA Datasheet HTML 17Page - Texas Instruments THS1206MDA Datasheet HTML 18Page - Texas Instruments THS1206MDA Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
THS1206
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTERS
SLAS217D – MAY 1999 – REVISED APRIL 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Reading data from the FIFO
The THS1206 informs the connected processor via the digital output DATA_AV (data available) that a block of
conversion values are ready to be read. The block size to be read is always equal to the setting of the trigger
level. The selectable trigger levels depend on the number of selected analog input channels. For example, when
choosing one analog input, a trigger level of 1, 4, 8 and 14 can be selected. The following figures demonstrate
the principle of reading the data.
In Figure 7, a trigger level of 1 is selected. The control signal DATA_AV is set to an active low pulse. This means
that the connected processor has the task to read 1 value from the ADC after every DATA_AV low pulse.
CONV_CLK
DATA_AV
READ
Figure 7. Trigger Level 1 Selected
In Figure 8, a trigger level of 4 is selected. The control signal DATA_AV is set to an active low pulse. This means
that the connected processor has the task to read 4 values from the ADC after every DATA_AV low pulse.
CONV_CLK
DATA_AV
READ
Figure 8. Trigger Level 4 Selected
In Figure 9, a trigger level of 8 is selected. The control signal DATA_AV is set to an active low pulse. This means
that the connected processor has the task to read 8 values from the ADC after every DATA_AV low pulse.
CONV_CLK
DATA_AV
READ
Figure 9. Trigger Level 8 Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com