Electronic Components Datasheet Search
  English  ▼

X  

THS1206MDA Datasheet(PDF) 3 Page - Texas Instruments

Part # THS1206MDA
Description  12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1206MDA Datasheet(HTML) 3 Page - Texas Instruments

  THS1206MDA Datasheet HTML 1Page - Texas Instruments THS1206MDA Datasheet HTML 2Page - Texas Instruments THS1206MDA Datasheet HTML 3Page - Texas Instruments THS1206MDA Datasheet HTML 4Page - Texas Instruments THS1206MDA Datasheet HTML 5Page - Texas Instruments THS1206MDA Datasheet HTML 6Page - Texas Instruments THS1206MDA Datasheet HTML 7Page - Texas Instruments THS1206MDA Datasheet HTML 8Page - Texas Instruments THS1206MDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
THS1206
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTERS
SLAS217D – MAY 1999 – REVISED APRIL 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AINP
32
I
Analog input, single-ended or positive input of differential channel A
AINM
31
I
Analog input, single-ended or negative input of differential channel A
BINP
30
I
Analog input, single-ended or positive input of differential channel B
BINM
29
I
Analog input, single-ended or negative input of differential channel B
AVDD
23
I
Analog supply voltage
AGND
24
I
Analog ground
BVDD
7
I
Digital supply voltage for buffer
BGND
8
I
Digital ground for buffer
CONV_CLK (CONVST)
15
I
Digital input. This input is used to apply an external conversion clock in continuous conversion
mode. In single conversion mode, this input functions as the conversion start (CONVST) input.
A high to low transition on this input holds simultaneously the selected analog input channels
and initiates a single conversion of all selected analog inputs.
CS0
22
I
Chip select input (active low)
CS1
21
I
Chip select input (active high)
DATA_AV
16
O
Data available signal, which can be used to generate an interrupt for processors and as a level
information of the internal FIFO. This signal can be configured to be active low or high and can
be configured as a static level or pulse output. See Table 14.
DGND
17
I
Digital ground. Ground reference for digital circuitry.
DVDD
18
I
Digital supply voltage
D0 – D9
1–6, 9–12
I/O/Z
Digital input, output; D0 = LSB
D10/RA0
13
I/O/Z
Digital input, output. The data line D10 is also used as an address line (RA0) for the control
register. This is required for writing to the control register 0 and control register 1. See Table 8.
D11/RA1
14
I/O/Z
Digital input, output (D11 = MSB). The data line D11 is also used as an address line (RA1) for
the control register. This is required for writing to control register 0 and control register 1. See
Table 8.
REFIN
28
I
Common-mode reference input for the analog input channels. It is recommended that this pin
be connected to the reference output REFOUT.
REFP
26
I
Reference input, requires a bypass capacitor of 10
µF to AGND in order to bypass the internal
reference voltage. An external reference voltage at this input can be applied. This option can
be programmed through control register 0. See Table 9.
REFM
25
I
Reference input, requires a bypass capacitor of 10
µF to AGND in order to bypass the internal
reference voltage. An external reference voltage at this input can be applied. This option can
be programmed through control register 0. See Table 9.
REFOUT
27
O
Analog fixed reference output voltage of 2.5 V. Sink and source capability of 250
µA. The
reference output requires a capacitor of 10
µF to AGND for filtering and stability.
RD†
19
I
The RD input is used only if the WR input is configured as a write only input. In this case, it is a
digital input, active low as a data read select from the processor. See timing section.
WR (R/W)†
20
I
This input is programmable. It functions as a read-write input R/W and can also be configured
as a write-only input WR, which is active low and used as data write select from the processor.
In this case, the RD input is used as a read input from the processor. See timing section.
† The start-conditions of RD and WR (R/W) are unknown. The first access to the ADC has to be a write access to initialize the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com