Electronic Components Datasheet Search
  English  ▼

X  

THS4041 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4041
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4041 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4041 Datasheet HTML 6Page - Texas Instruments THS4041 Datasheet HTML 7Page - Texas Instruments THS4041 Datasheet HTML 8Page - Texas Instruments THS4041 Datasheet HTML 9Page - Texas Instruments THS4041 Datasheet HTML 10Page - Texas Instruments THS4041 Datasheet HTML 11Page - Texas Instruments THS4041 Datasheet HTML 12Page - Texas Instruments THS4041 Datasheet HTML 13Page - Texas Instruments THS4041 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
THS4041, THS4042
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
SLOS237B– MAY 1999 – REVISED FEBRUARY 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 39
CMRR
vs
FREQUENCY
f – Frequency – Hz
100M
10M
100k
1M
40
VCC = ±15 V & ±5 V
RF = 1 kΩ
VI(pp) = 2 V
50
60
70
90
30
20
10
0
80
Figure 40
CROSSTALK
vs
FREQUENCY
f – Frequency – Hz
100M
10M
100k
1M
VCC = ±15 V & ±5 V
Gain = 2
RF = 2.7 kΩ
RL = 150 Ω
–80
–70
–60
–20
–50
–90
–40
–30
Figure 41
VOLTAGE & CURRENT NOISE
vs
FREQUENCY
f – Frequency – Hz
100
1k
10k
10
100k
1k
100
10
1
0.10
VCC = ±15 V & ±5 V
TA = 25°C
VN
IN
Figure 42
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = ±15 V
VO(PP) = 20 V
VCC = ±5 V
VO(PP) = 5 V
RL = 150 Ω
500
450
400
350
200
–20
–40
0
20
40
60
80
100
300
250
Figure 43
300
220
200
180
160
100
140
120
240
260
280
SETTING TIME
vs
OUTPUT STEP
VO – Output Step Voltage – V
VCC = ±5 V
0.01%
VCC = ±15 V
0.01%
VCC = ±15 V & ±5 V
0.1%
Gain = –1
RF = 360 Ω
12
34
5
Figure 44
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = ±15 V
VCC = ±5 V
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–20
–40
0
20
40
60
80
100
Figure 45
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = ±5 V & ±15 V
2.55
2.50
2.45
2.40
2.25
–20
–40
0
20
40
60
80
100
2.35
2.30
Figure 46
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC – Supply Voltage – V
15
13
11
9
3
7
5
9
11
13
15
7
5
TA = 25°C
Figure 47
OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC – Supply Voltage – V
14
12
10
8
2
7
511
13
15
6
4
9
RL = 150 Ω
TA = 25°C
RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com