Electronic Components Datasheet Search
  English  ▼

X  

THS4041 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4041
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4041 Datasheet(HTML) 2 Page - Texas Instruments

  THS4041 Datasheet HTML 1Page - Texas Instruments THS4041 Datasheet HTML 2Page - Texas Instruments THS4041 Datasheet HTML 3Page - Texas Instruments THS4041 Datasheet HTML 4Page - Texas Instruments THS4041 Datasheet HTML 5Page - Texas Instruments THS4041 Datasheet HTML 6Page - Texas Instruments THS4041 Datasheet HTML 7Page - Texas Instruments THS4041 Datasheet HTML 8Page - Texas Instruments THS4041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
THS4041, THS4042
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
SLOS237B– MAY 1999 – REVISED FEBRUARY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER OF
CHANNELS
PLASTIC
SMALL OUTLINE†
(D)
PLASTIC
MSOP†
(DGN)
MSOP
SYMBOL
EVALUATION
MODULE
0
°Cto70°C
1
THS4041CD
THS4041CDGN
ACO
THS4041EVM
0
°C to 70°C
2
THS4042CD
THS4042CDGN
ACC
THS4042EVM
–40
°Cto85°C
1
THS4041D
THS4041IDGN
ACP
—
– 40
°C to 85°C
2
THS4042ID
THS4042IDGN
ACD
—
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4041CDGNR).
functional block diagram
1OUT
1IN–
1IN+
VCC
2OUT
2IN–
2IN+
VCC–
5
6
1
2
3
8
4
7
Figure 1. THS4042 – Dual Channel
OUT
8
6
1
IN–
IN+
2
3
Null
Figure 2. THS4041 – Single Channel
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VCC
±16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VIO
±4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA: C-suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I-suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com