Electronic Components Datasheet Search
  English  ▼

X  

THS4022CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022CD
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4022CD Datasheet(HTML) 5 Page - Texas Instruments

  THS4022CD Datasheet HTML 1Page - Texas Instruments THS4022CD Datasheet HTML 2Page - Texas Instruments THS4022CD Datasheet HTML 3Page - Texas Instruments THS4022CD Datasheet HTML 4Page - Texas Instruments THS4022CD Datasheet HTML 5Page - Texas Instruments THS4022CD Datasheet HTML 6Page - Texas Instruments THS4022CD Datasheet HTML 7Page - Texas Instruments THS4022CD Datasheet HTML 8Page - Texas Instruments THS4022CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
dc performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V,
VO = ± 10 V,
TA = 25°C
40
60
V/mV
Open loop gain
CC
,
RL = 1 kΩ
O
,
TA = full range
35
V/mV
Open loop gain
VCC = ± 5 V,
VO = ± 2.5 V,
TA = 25°C
20
35
V/mV
CC
,
RL = 250 Ω
O
,
TA = full range
15
V/mV
VOS
Input offset voltage
TA = 25°C
0.5
2
mV
VOS
Input offset voltage
TA = full range
3
mV
Offset voltage drift
TA = full range
15
µV/°C
IIB
Input bias current
VCC = ± 5 V or ± 15 V
TA = 25°C
3
6
µA
IIB
Input bias current
TA = full range
6
µA
IOS
Input offset current
TA = 25°C
30
250
nA
IOS
Input offset current
TA = full range
400
nA
Offset current drift
TA = full range
0.3
nA/
°C
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ± 15 V
±13.8 ±14.3
V
VICR
Common-mode input voltage range
VCC = ± 5 V
±3.8
±4.3
V
CMRR
Common mode rejection ratio
VCC = ± 15 V,
VICR = ± 12 V,
TA = full range
74
95
dB
ri
Input resistance
1
M
Ω
Ci
Input capacitance
1.5
pF
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
RL = 250 Ω
±12 ±12.5
V
VO
Output voltage swing
VCC = ± 5 V
RL = 150 Ω
±3
±3.3
V
VO
Output voltage swing
VCC = ± 15 V
RL =1kΩ
±13 ±13.5
V
VCC = ± 5 V
RL = 1 kΩ
±3.4
±3.8
V
IO
Output current
VCC = ± 15 V
RL =20 Ω
80
100
mA
IO
Output current
VCC = ± 5 V
RL = 20 Ω
50
75
mA
ISC
Short-circuit current†
VCC = ± 15 V
150
mA
RO
Output resistance†
Open loop
13
Ω
† Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ± 15 V
TA = 25°C
7.8
10
ICC
Supply current (per amplifier)
VCC = ± 15 V
TA = full range
11
mA
ICC
Supply current (per amplifier)
VCC = ± 5V
TA = 25°C
6.7
9
mA
VCC = ± 5 V
TA = full range
10.5
PSRR
Power supply rejection ratio
VCC = ± 5 V or ± 15 V
TA = full range
80
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com