Electronic Components Datasheet Search
  English  ▼

X  

THS4022CD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022CD
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4022CD Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4022CD Datasheet HTML 13Page - Texas Instruments THS4022CD Datasheet HTML 14Page - Texas Instruments THS4022CD Datasheet HTML 15Page - Texas Instruments THS4022CD Datasheet HTML 16Page - Texas Instruments THS4022CD Datasheet HTML 17Page - Texas Instruments THS4022CD Datasheet HTML 18Page - Texas Instruments THS4022CD Datasheet HTML 19Page - Texas Instruments THS4022CD Datasheet HTML 20Page - Texas Instruments THS4022CD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD design considerations (continued)
The next consideration is the package constraints. The two sources of heat within an amplifier are quiescent
power and output power. The designer should never forget about the quiescent heat generated within the
device, especially multiamplifier devices. Because these devices have linear output stages (Class A-B), most
of the heat dissipation is at low output voltages with high output currents. Figure 40 to Figure 43 show this effect,
along with the quiescent heat, with an ambient air temperature of 50
°C. Obviously, as the ambient temperature
increases, the limit lines shown will drop accordingly. The area under each respective limit line is considered
the safe operating area. Any condition above this line will exceed the amplifier’s limits and failure may result.
When using VCC = ±5 V, there is generally not a heat problem, even with SOIC packages. But, when using
VCC = ±15 V, the SOIC package is severely limited in the amount of heat it can dissipate. The other key factor
when looking at these graphs is how the devices are mounted on the PCB. The PowerPAD devices are
extremely useful for heat dissipation. But, the device should always be soldered to a copper plane to fully use
the heat dissipation properties of the PowerPAD. The SOIC package, on the other hand, is highly dependent
on how it is mounted on the PCB. As more trace and copper area is placed around the device,
θJA decreases
and the heat dissipation capability increases. The currents and voltages shown in these graphs are for the total
package. For the dual amplifier package (THS4022), the sum of the RMS output currents and voltages should
be used to choose the proper package. The graphs shown assume that both amplifier’s outputs are identical.
Figure 40
Package With
θJA < = 120°C/W
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
VCC = ± 5 V
Tj = 150°C
TA = 50°C
100
80
40
0
01
2
3
140
180
200
45
160
120
60
20
| VO | – RMS Output Voltage – V
Maximum Output
Current Limit Line
THS4021
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating
Area
Figure 41
100
10
03
6
9
1000
12
15
Maximum Output
Current Limit Line
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
SO-8 Package
θJA = 98°C/W
High-K Test PCB
TJ = 150°C
TA = 50°C
| VO | – RMS Output Voltage – V
VCC = ± 15 V
DGN Package
θJA = 58.4°C/W
THS4021
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com