Electronic Components Datasheet Search
  English  ▼

X  

THS4601CD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # THS4601CD
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4601CD Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS4601CD Datasheet HTML 11Page - Texas Instruments THS4601CD Datasheet HTML 12Page - Texas Instruments THS4601CD Datasheet HTML 13Page - Texas Instruments THS4601CD Datasheet HTML 14Page - Texas Instruments THS4601CD Datasheet HTML 15Page - Texas Instruments THS4601CD Datasheet HTML 16Page - Texas Instruments THS4601CD Datasheet HTML 17Page - Texas Instruments THS4601CD Datasheet HTML 18Page - Texas Instruments THS4601CD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
15
www.ti.com
APPLICATION INFORMATION
designing the transimpedance circuit (continued)
Table 1. Transimpedance Performance Summary for Various Configurations
SOURCE CAPACITANCE
(pF)
TRANSIMPEDANCE GAIN
(
Ω)
FEEDBACK CAPACITANCE
(pF)
–3 dB FREQUENCY
(MHz)
18
10k
2.2
10.4
18
100k
0.6
3.3
18
1M
0
1.1
47
10k
3.3
7.6
47
100k
0.6
2.8
47
1M
0
0.88
100
10k
3.9
5.9
100
100k
1.5
1.3
100
1M
0
0.62
220
10k
5.6
3.8
220
100k
1.8
1.1
220
1M
0.4
0.36
Figure 29
65
70
75
80
85
90
10 k
100 k
1 M
10 M
100 M
Frequency – Hz
10 k
Ω TRANSIMPEDANCE BANDWIDTH
FOR VARIOUS SOURCE CAPACITANCES
CS = 18 pF, CF = 2.2 pF
CS = 47 pF,
CF = 3.3 pF
CS = 100 pF,
CF = 3.9 pF
CS = 220 pF,
CF = 5.6 pF
Figure 30
60
65
70
75
80
85
90
95
100
105
10 k
100 k
1 M
10 M
CS = 18 pF,
CF = 0.6 pF
CS = 47 pF,
CF = 0.6 pF
CS = 100 pF,
CF = 1.5 pF
CS = 220 pF,
CF = 1.8 pF
Frequency – Hz
100 k
Ω TRANSIMPEDANCE BANDWIDTH
FOR VARIOUS SOURCE CAPACITANCES
Figure 31
90
95
100
105
110
115
120
125
130
10 k
100 k
1 M
10 M
CS = 18 pF, CF = 0
CS = 47 pF,
CF = 0
CS = 100 pF,
CF = 0
CS = 220 pF,
CF = 0.4 pF
Frequency – Hz
1 M
Ω TRANSIMPEDANCE BANDWIDTH
FOR VARIOUS SOURCE CAPACITANCES
measuring transimpedance bandwidth
While there is no substitute for measuring the performance of a particular circuit under the exact conditions that
are used in the application, the complete system environment often makes measurements harder. For
transimpedance circuits, it is difficult to measure the frequency response with traditional laboratory equipment
because the circuit requires a current as an input rather than a voltage. Also, the capacitance of the current
source has a direct effect on the frequency response. A simple interface circuit can be used to emulate a
capacitive current source with a network analyzer. With this circuit, transimpedance bandwidth measurements
are simplified, making amplifier evaluation easier and faster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com