Electronic Components Datasheet Search
  English  ▼

X  

THS4601CD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4601CD
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4601CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4601CD Datasheet HTML 12Page - Texas Instruments THS4601CD Datasheet HTML 13Page - Texas Instruments THS4601CD Datasheet HTML 14Page - Texas Instruments THS4601CD Datasheet HTML 15Page - Texas Instruments THS4601CD Datasheet HTML 16Page - Texas Instruments THS4601CD Datasheet HTML 17Page - Texas Instruments THS4601CD Datasheet HTML 18Page - Texas Instruments THS4601CD Datasheet HTML 19Page - Texas Instruments THS4601CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
16
www.ti.com
APPLICATION INFORMATION
measuring transimpedance bandwidth (continued)
VS
50
Ω
50
Ω
RS
C1
C2
Network Analyzer
IO
I
O
V
S
+
1
2R
S
1
)
C
1
C
2
(above the pole frequency)
NOTE: This interface network creates a capacitive, constant current source from a network analyzer and properly terminates the network analyzer
at high frequencies.
Figure 32. Emulating a Capacitive Current Source With a Network Analyzer
The transconductance transfer function of the interface circuit is
I
O
Vs
(s)
+
s
2R
S
1
)
C
1
C
2
s
)
1
2R
S
C
1
) C
2
.
This transfer function contains a zero at DC and a pole at s
+
1
2R
S
C
1 )
C
2
. The transconductance is
constant at
1
2R
S
1
)
C
1
C
2
, above the pole frequency, providing a controllable AC current source. This circuit
also properly terminates the network analyzer with 50
Ω at high frequencies. The second requirement for this
current source is to provide the desired output impedance, emulating the output impedance of a photodiode or
other current source. The output impedance of this circuit is given by
Z
O
(s)
+
C
1 ) C2
C
1C2
s
)
1
2Rs C1 ) C2
s s
)
1
2RsC1
.
Assuming C1 >> C2, the equation reduces to ZO [
1
sC
2
,
giving the appearance of a capacitive source at higher
frequency.
Capacitor values should be chosen to satisfy two requirements. First, C2 should represent the anticipated
capacitance of the true source. C1 should then be chosen such that the corner frequency of the
transconductance network is much less than the transimpedance bandwidth of the circuit. Choosing this corner
frequency properly leads to more accurate measurements of the transimpedance bandwidth. If the interface
circuit’s corner frequency is too close to the bandwidth of the circuit, determining the power level in the flatband
is difficult. A decade or more of flat bandwidth provides a good basis for determining the proper transimpedance
bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com