Electronic Components Datasheet Search
  English  ▼

X  

THS5641APW Datasheet(PDF) 17 Page - Texas Instruments

Part # THS5641APW
Description  8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5641APW Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS5641APW Datasheet HTML 13Page - Texas Instruments THS5641APW Datasheet HTML 14Page - Texas Instruments THS5641APW Datasheet HTML 15Page - Texas Instruments THS5641APW Datasheet HTML 16Page - Texas Instruments THS5641APW Datasheet HTML 17Page - Texas Instruments THS5641APW Datasheet HTML 18Page - Texas Instruments THS5641APW Datasheet HTML 19Page - Texas Instruments THS5641APW Datasheet HTML 20Page - Texas Instruments THS5641APW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
THS5641A
8-BIT, 100 MSPS, CommsDAC
™
DIGITAL-TO-ANALOG CONVERTER
SLAS277 –MARCH 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
analog current outputs
Figure 26 shows a simplified schematic of the current source array output with corresponding switches.
Differential PMOS switches direct the current of each individual PMOS current source to either the positive
output node IOUT1 or its complementary negative output node IOUT2. The output impedance is determined
by the stack of the current sources and differential switches, and is typically >300 k
Ω in parallel with an output
capacitance of 5 pF.
Output nodes IOUT1 and IOUT2 have a negative compliance voltage of –1 V, determined by the CMOS process.
Beyond this value, transistor breakdown may occur, resulting in reduced reliability of the THS5641A device. The
positive output compliance depends on the full-scale output current IOUTFS and positive supply voltage AVDD.
The positive output compliance equals 1.25 V for AVDD = 5 V and IOUTFS = 20 mA. For AVDD = 3.3 V the output
compliance is limited to 0.6 V. Exceeding the positive compliance voltage adversely affects distortion
performance and integral nonlinearity. The optimum distortion performance for a single-ended or differential
output is achieved when the maximum full-scale signal at IOUT1 and IOUT2 does not exceed 0.5 V (e.g. when
applying a 50
Ω doubly terminated load for 20 mA full-scale output current). Applications requiring the
THS5641A output (i.e., OUT1 and/or OUT2) to extend its output compliance should size RLOAD accordingly.
AVDD
Current Source Array
IOUT1
IOUT2
RLOAD
RLOAD
Current
Sources
Switches
Figure 26. Equivalent Analog Current Output
Figure 27(a) shows the typical differential output configuration with two matched externally resistor loads. The
nominal resistor load of 50
Ω will give a differential output swing of 2 VPP when applying a 20 mA full-scale output
current. The output impedance of the THS5641A depends slightly on the output voltage at nodes IOUT1 and
IOUT2. Consequently, for optimum dc integral nonlinearity, the configuration of Figure 27(b) should be chosen.
In this I–V configuration, terminal IOUT1 is kept at virtual ground by the inverting operational amplifier. The
complementary output should be connected to ground to provide a dc current path for the current sources
switched to IOUT2. Note that the INL/DNL specifications for the THS5641A are measured with IOUT1
maintained at virtual ground. The amplifier’s maximum output swing and the DAC’s full-scale output current
determine the value of the feedback resistor RFB. Capacitor CFB filters the steep edges of the THS5641A current
output, thereby reducing the operational amplifier slew-rate requirements. In this configuration, the op amp
should operate on a dual supply voltage due to its positive and negative output swing. Node IOUT1 should be
selected if a single-ended unipolar output is desirable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com