Electronic Components Datasheet Search
  English  ▼

X  

THS4062CD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4062CD
Description  180-MHz HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4062CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4062CD Datasheet HTML 7Page - Texas Instruments THS4062CD Datasheet HTML 8Page - Texas Instruments THS4062CD Datasheet HTML 9Page - Texas Instruments THS4062CD Datasheet HTML 10Page - Texas Instruments THS4062CD Datasheet HTML 11Page - Texas Instruments THS4062CD Datasheet HTML 12Page - Texas Instruments THS4062CD Datasheet HTML 13Page - Texas Instruments THS4062CD Datasheet HTML 14Page - Texas Instruments THS4062CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
THS4061, THS4062
180-MHz HIGH-SPEED AMPLIFIERS
SLOS234D – DECEMBER 1998 – REVISED FEBRUARY 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
CLOSED-LOOP GAIN
vs
FREQUENCY
–8
–12
–14
1M
100M
f – Frequency – Hz
–6
–10
10M
1G
–4
0
100k
–2
2
Gain = 1
RF = 270 Ω
RL = 150 Ω
VCC = ±15 V
VCC = ±5 V
Figure 11
CLOSED-LOOP GAIN
vs
FREQUENCY
–15
–20
1M
100M
f – Frequency – Hz
–10
10M
1G
–5
5
100k
0
VCC = ±15 V, ±5 V
Gain = –1
RF = 510 Ω
RL = 150 Ω
Figure 12
OUTPUT AMPLITUDE
vs
FREQUENCY
100k
1M
10M
100M
1G
f – Frequency – Hz
–4
–8
–6
4
0
2
–2
Gain = 1
RL = 150 Ω
RF = 1 kΩ
RF = 200 Ω
RF = 270 Ω
Figure 13
OUTPUT AMPLITUDE
vs
FREQUENCY
100k
1M
10M
100M
1G
f – Frequency – Hz
–6
–10
–8
2
–2
0
–4
Gain = –1
RL = 150 Ω
RF = 3 kΩ
RF = 510 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com